Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC174DRE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC174DRE4
Description  HEX D-TYPE FLIP-FLOPS WITH CLEAR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC174DRE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC174DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 9Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 10Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 11Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 12Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 13Page - Texas Instruments SN74HC174DRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74HC174DBR
SSOP
DB
16
2000
367.0
367.0
38.0
SN74HC174DR
SOIC
D
16
2500
364.0
364.0
27.0
SN74HC174DR
SOIC
D
16
2500
333.2
345.9
28.6
SN74HC174DRG4
SOIC
D
16
2500
333.2
345.9
28.6
SN74HC174NSR
SO
NS
16
2000
367.0
367.0
38.0
SN74HC174PWR
TSSOP
PW
16
2000
364.0
364.0
27.0
SN74HC174PWR
TSSOP
PW
16
2000
367.0
367.0
35.0
SN74HC174PWRG4
TSSOP
PW
16
2000
367.0
367.0
35.0
SN74HC174PWT
TSSOP
PW
16
250
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Apr-2016
Pack Materials-Page 2


Similar Part No. - SN74HC174DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC174DR TI1-SN74HC174DR Datasheet
1Mb / 22P
[Old version datasheet]   Wide Operating Voltage Range of 2 V to 6 V, Outputs Can Drive Up To 10 LSTTL Loads
More results

Similar Description - SN74HC174DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV174 TI-SN54LV174 Datasheet
155Kb / 8P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC174 TI-SN54HC174 Datasheet
92Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI-SN54AHCT174 Datasheet
101Kb / 6P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
CD54ACT174 TI-CD54ACT174 Datasheet
316Kb / 10P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Renesas Technology Corp
HD74HC174 RENESAS-HD74HC174 Datasheet
100Kb / 8P
   Hex D-type Flip-Flops (with Clear)
logo
Hitachi Semiconductor
HD74LV174A HITACHI-HD74LV174A Datasheet
64Kb / 15P
   Hex D-type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com