Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2054 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ2054
Description  Lithium Ion Fast-Charge IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054 Datasheet(HTML) 2 Page - Texas Instruments

  BQ2054_09 Datasheet HTML 1Page - Texas Instruments BQ2054_09 Datasheet HTML 2Page - Texas Instruments BQ2054_09 Datasheet HTML 3Page - Texas Instruments BQ2054_09 Datasheet HTML 4Page - Texas Instruments BQ2054_09 Datasheet HTML 5Page - Texas Instruments BQ2054_09 Datasheet HTML 6Page - Texas Instruments BQ2054_09 Datasheet HTML 7Page - Texas Instruments BQ2054_09 Datasheet HTML 8Page - Texas Instruments BQ2054_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Pin Descriptions
TM
Time-out programming input
This input sets the maximum charge time.
The resistor and capacitor values are deter-
mined using Equation 5. Figure 7 shows the
resistor/capacitor connection.
ICTL
Inrush current control output
ICTL is driven low during the fault or
charge-complete states of the chip. It is used
to disconnect the capacitor across the battery
pack terminals, preventing inrush currents
from tripping overcurrent protection fea-
tures in the pack when a new battery is in-
serted.
BAT
Battery voltage input
BAT is the battery voltage sense input. This
potential is generally developed using a
high-impedance resistor divider network
connected between the positive and the
negative terminals of the battery. See Fig-
ure 4 and Equation 1.
VCOMP
Voltage loop compensation input
This input uses an external R-C network for
voltage loop stability.
ITERM
Minimum current termination select
This three-state input is used to set IMIN for
fast charge termination. See Table 2.
ICOMP
Current loop compensation input
This input uses an external R-C network for
current loop stability.
SNS
Charging current sense input
Battery current is sensed via the voltage de-
veloped on this pin by an external sense re-
sistor, RSNS, connected in series with the
negative terminal of the battery pack. See
Equation 6.
TS
Temperature sense input
This input is used to monitor battery tempera-
ture. An external resistor divider network sets
the lower and upper temperature thresholds.
See Figure 6 and Equations 3 and 4.
TPWM
Regulation timebase input
This input uses an external timing capacitor
to ground to set the pulse-width modulation
(PWM) frequency. See Equation 7.
LCOM
Common LED output
Common output for LED1–3. This output is
in a high-impedance state during initiali-
zation to read programming input on
DSEL.
MOD
Current-switching control output
MOD is a pulse-width modulated push/pull
output that is used to control the charging
current to the battery. MOD switches high
to enable current flow and low to inhibit cur-
rent flow.
LED1
LED3
Charger display status 1–3 outputs
These charger status output drivers are for
the direct drive of the LED display. Display
modes are shown in Table 1. These outputs are
tri-stated during initialization so that DSEL
can be read.
DSEL
Display select input
This three-level input controls the LED1–3
charge display modes. See Table 1.
VCC
VCC supply
5.0V,
± 10% power
VSS
Ground
2
bq2054


Similar Part No. - BQ2054_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054PN TI-BQ2054PN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054SN TI-BQ2054SN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
More results

Similar Description - BQ2054_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com