Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2060A-E619DBQ Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2060A-E619DBQ
Description  SBS v1.1-Compliant Gas Gauge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060A-E619DBQ Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2060A-E619DBQ Datasheet HTML 7Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 8Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 9Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 10Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 11Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 12Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 13Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 14Page - Texas Instruments BQ2060A-E619DBQ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 61 page
background image
bq2060A
www.ti.com
SLUS500D
– OCTOBER 2001 – REVISED OCTOBER 2011
Table 3. bq2060A Register Functions (continued)
COMMAND CODE
SMBus
FUNCTION
UNITS
ACCESS
SMBus
HDQ16
AverageTimeToEmpty
0x12
0x12
read
minutes
AverageTimeToFull
0x13
0x13
read
minutes
ChargingCurrent
0x14
0x14
read
mA
ChargingVoltage
0x15
0x15
read
mV
Battery Status
0x16
0x16
read
n/a
CycleCount
0x17
0x17
read
cycles
DesignCapacity
0x18
0x18
read
mAh, 10 mWh
DesignVoltage
0x19
0x19
read
mV
SpecificationInfo
0x1a
0x1a
read
n/a
ManufactureDate
0x1b
0x1b
read
n/a
SerialNumber
0x1c
0x1c
read
integer
Reserved
0x1d
–0x1f
0x1d
–0x1f
ManufacturerName
0x20
0x20
–0x25
read
string
DeviceName
0x21
0x28
–0x2b
read
string
DeviceChemistry
0x22
0x30
–0x32
read
string
ManufacturerData
0x23
0x38
–0x3b
read
string
Pack Status
0x2f (LSB)
0x2f (LSB)
read/write
n/a
Pack Configuration
0x2f (MSB)
0x2f (MSB)
read/write
n/a
VCELL4
0x3c
0x3c
read/write
mV
VCELL3
0x3d
0x3d
read/write
mV
VCELL2
0x3e
0x3e
read/write
mV
VCELL1
0x3f
0x3f
read/write
mV
MAIN GAS GAUGE REGISTERS
RemainingCapacity() (RM)
RM represents the remaining capacity in the battery. The bq2060A computes RM in either mAh or 10 mWh,
depending on the selected mode.
On initialization, the bq2060A sets RM to 0. RM counts up during charge to a maximum value of FCC and down
during discharge and self-discharge to 0. In addition to charge and self-discharge compensation, the bq2060A
calibrates RM at three low-battery-voltage thresholds, EDV2, EDV1, and EDV0 and three programmable
midrange thresholds VOC25, VOC50, and VOC75. This provides a voltage-based calibration to the RM counter.
DesignCapacity() (DC)
The DC is the user-specified battery full capacity. It is calculated from Pack CapacityEE 0x3a
–0x3b and is
represented in mAh or 10 mWh. It also represents the full-battery reference for the absolute display mode.
FullChargeCapacity() (FCC)
FCC is the last measured discharge capacity of the battery. It is represented in either mAh or 10 mWh depending
on the selected mode. On initialization, the bq2060A sets FCC to the value stored in Last Measured Discharge
EE 0x38
–0x39. During subsequent discharges, the bq2060A updates FCC with the last measured discharge
capacity of the battery. The last measured discharge of the battery is based on the value in the DCR register
after a qualified discharge occurs. Once updated, the bq2060A writes the new FCC value to EEPROM in mAh to
Last Measured Discharge. FCC represents the full battery reference for the relative display mode and relative
state of charge calculations.
Copyright
© 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq2060A


Similar Part No. - BQ2060A-E619DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A-E619DBQR TI-BQ2060A-E619DBQR Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A-E619DBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com