Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2060A-E619DBQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2060A-E619DBQR
Description  SBS v1.1-Compliant Gas Gauge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060A-E619DBQR Datasheet(HTML) 5 Page - Texas Instruments

  BQ2060A-E619DBQR Datasheet HTML 1Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 2Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 3Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 4Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 5Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 6Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 7Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 8Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
bq2060A
www.ti.com
SLUS500D
– OCTOBER 2001 – REVISED OCTOBER 2011
SMBus AC SPECIFICATIONS
VCC = 2.7 V to 3.7 V, TOPR = –20°C to 70°C, unless otherwise noted
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSMB
SMBus operating frequency
Slave mode, SMBC 50% duty cycle
10
100
kHz
Master mode, no clock low slave
fMAS
SMBus master clock frequency
51.2
kHz
extend
tBUF
Bus free time between start and stop
4.7
µs
tHD:STA
Hold time after (repeated) start
4
µs
tSU:STA
Repeated start setup time
4.7
µs
tSU:STO
Stop setup time
4
µs
Receive mode
0
ns
tHD:DAT
Data hold time
Transmit mode
300
ns
tSU:DAT
Data setup time
250
ns
tTIMEOUT
Error signal/detect
See (1)
25
35
ms
tLOW
Clock low period
4.7
µs
tHIGH
Clock high period
See (2)
4
50
µs
tLOW:SEXT
Cumulative clock low slave extend time
See (3)
25
ms
tLOW:MEXT
Cumulative clock low master extend time
See (4)
10
ms
(1)
The bq2060A times out when any clock low exceeds TTIMEOUT.
(2)
THIGH Max. is minimum bus idle time. SMBC = 1 for t
> 50 ms causes reset of any transaction involving bq2060A that is in progress.
(3)
TLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from initial start to the stop.
The bq2060A typically extends the clock only 20 ms as a slave in the read byte or write byte protocol.
(4)
TLOW:MEXT is the cumulative time a master device is allowed to extend the clock cycles in one message from initial start to the stop.
The bq2060A typically extends the clock only 20 ms as a master in the read byte or write byte protocol.
HDQ16 AC SPECIFICATIONS
VCC = 2.7 V to 3.7 V, TOPR = –20°C to 70°C, unless otherwise noted
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tCYCH
Cycle time, host to bq2060A (write)
190
µs
tCYCB
Cycle time, bq2060A to host (read)
190
205
250
µs
tSTRH
Start hold time, host to bq2060A(write)
5
ns
tSTRB
Start hold time, bq2060A to host (read)
32
µs
DSU
Data setup time
50
µs
tDSUB
Data setup time
50
µs
tDH
Data hold time
100
µs
tDV
Data valid time
80
µs
tSSU
Stop setup time
145
µs
tSSUB
Stop setup time
145
µs
tRSPS
Response time, bq2060A to host
190
320
µs
t]
Break time
190
µs
tBR
Break recovery time
40
µs
Copyright
© 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq2060A


Similar Part No. - BQ2060A-E619DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A-E619DBQR TI-BQ2060A-E619DBQR Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A-E619DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com