Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2060A-E619DBQR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2060A-E619DBQR
Description  SBS v1.1-Compliant Gas Gauge IC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2060A-E619DBQR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2060A-E619DBQR Datasheet HTML 5Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 6Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 7Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 8Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 9Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 10Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 11Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 12Page - Texas Instruments BQ2060A-E619DBQR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
bq2060A
www.ti.com
SLUS500D
– OCTOBER 2001 – REVISED OCTOBER 2011
Table 1. Example VCELL1–VCELL4 Divider and
Table 2. SRC Input Range
Input Range
SENSE RESISTOR
FULL-SCALE INPUT
(
Ω)
(A)
VOLTAGE
VOLTAGE
FULL-SCALE
INPUT
DIVISION RATIO
INPUT (V)
0.02
± 12.5
VCELL4
16
20
0.03
± 8.3
VCELL3
16
20
0.05
± 5
VCELL2
8
10
0.1
± 2.5
VCELL1
8
10
Current
The SRC input of the bq2060A measures battery charge and discharge current. The SRC ADC input converts
the current signal from the series sense resistor and stores the result in Current(). The full-scale input range to
SBC is limited to
±250 mV, as shown in Table 2.
Temperature
The TS input of the bq2060A along with an NTC thermistor measures the battery temperature as shown in
Figure 5. The bq2060A reports temperature in Temperature(). THON may be used to connect the bias source to
the thermistor when the bq2060A samples the TS input. THON is high impedance for 60 ms when the
temperature is measured, and driven low otherwise.
GAS GAUGE OPERATION
General
The operational overview in Figure 6 illustrates the gas gauge operation of the bq2060A. Table 3 and
subsequent text describes the bq2060A registers.
The bq2060A accumulates a measure of charge and discharge currents and estimates self-discharge of the
battery. The bq2060A compensates the charge current measurement for temperature and state-of-charge of the
battery. It also adjusts the self-discharge estimation based on temperature.
The main counter RemainingCapacity()(RM) represents the available capacity or energy in the battery at any
given time. The bq2060A adjusts RM for charge, self-discharge, and leakage compensation factors. The
information in the RM register is accessible through the communications ports and is also represented through
the LED display.
The FullChargeCapacity()(FCC) register represents the last measured full discharge of the battery. It is used as
the battery full-charge reference for relative capacity indication. The bq2060A updates FCC when the battery
undergoes a qualified discharge from nearly full to a low battery level. FCC is accessible through the serial
communications ports.
The Discharge Count Register (DCR) is a non-accessible register that only tracks discharge of the battery. The
bq2060A uses the DCR register to update the FCC register if the battery undergoes a qualified discharge from
nearly full to a low battery level. In this way, the bq2060A learns the true discharge capacity of the battery under
system use conditions.
Copyright
© 2001–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): bq2060A


Similar Part No. - BQ2060A-E619DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A-E619DBQR TI-BQ2060A-E619DBQR Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A-E619DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com