Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2054SNG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2054SNG4
Description  Lithium Ion Fast-Charge IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054SNG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2054SNG4 Datasheet HTML 1Page - Texas Instruments BQ2054SNG4 Datasheet HTML 2Page - Texas Instruments BQ2054SNG4 Datasheet HTML 3Page - Texas Instruments BQ2054SNG4 Datasheet HTML 4Page - Texas Instruments BQ2054SNG4 Datasheet HTML 5Page - Texas Instruments BQ2054SNG4 Datasheet HTML 6Page - Texas Instruments BQ2054SNG4 Datasheet HTML 7Page - Texas Instruments BQ2054SNG4 Datasheet HTML 8Page - Texas Instruments BQ2054SNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Charge Algorithm
The bq2054 uses a two-phase fast charge algorithm. In
phase 1, the bq2054 regulates constant current (ISNS =
IMAX) until VCELL (= VBAT -VSNS) rises to VREG. The
bq2054 then transitions to phase 2 and regulates con-
stant voltage (VCELL =VREG) until the charging current
falls below the programmed IMIN threshold. The charg-
ing current must remain below IMIN for 120
± 40ms bef-
ore a valid fast charge termination is detected.
Fast
charge then terminates, and the bq2054 enters the
Charge Complete state. See Figures 1 and 2.
Charge Qualification
The bq2054 starts a charge cycle when power is applied
while a battery is present or when a battery is inserted.
Figure 2 shows the state diagram for pre-charge qualifi-
cation and temperature monitoring. The bq2054 first
checks that the battery temperature is within the al-
lowed, user-configurable range. If the temperature is out
of range, the bq2054 enters the Charge Pending state
and waits until the battery temperature is within the al-
lowed range. Charge Pending is enunciated by LED3
flashing.
Thermal monitoring continues throughout the charge
cycle, and the bq2054 enters the Charge Pending state
when the temperature out of range. (There is one excep-
tion; if the bq2054 is in the Fault state—see below—the
out-of-range temperature is not recognized until the
bq2054 leaves the Fault state.)
All timers are sus-
pended (but not reset) while the bq2054 is in Charge
Pending. When the temperature comes back into range,
the bq2054 returns to the point in the charge cycle
where the out-of-range temperature was detected.
When the temperature is valid, the bq2054 then regu-
lates current to ICOND (=IMAX/5). After an initial holdoff
period tHO (which prevents the chip from reacting to
transient voltage spikes that may occur when charge
current is first applied), the chip begins monitoring
VCELL.If VCELL does not rise to at least VMIN before the
expiration of time-out limit tMTO (e.g. the cell has failed
short), the bq2054 enters the Fault state.
If VMIN is
achieved before expiration of the time limit, the chip be-
gins fast charging.
Once in the Fault state, the bq2054 waits until VCC is
cycled or a new battery insertion is detected. It then
starts a new charge cycle and begins the qualification
process again.
3
bq2054
GR205401.eps
IMAX
IMIN
ICOND
VMIN
VREG
Time
Phase 1
Phase 2
Fast
Charge
Voltage
Current
Figure 1. bq2054 Charge Algorithm


Similar Part No. - BQ2054SNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054SN TI-BQ2054SN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
More results

Similar Description - BQ2054SNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com