Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2084DBTR-V140G4 Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ2084DBTR-V140G4
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2084DBTR-V140G4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ2084DBTR-V140G4 Datasheet HTML 4Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 5Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 6Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 7Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 8Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 9Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 10Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 11Page - Texas Instruments BQ2084DBTR-V140G4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
www.ti.com
MEASUREMENTS
CHARGE AND DISCHARGE COUNTING
OFFSET CALIBRATION
DIGITAL FILTER
VOLTAGE
CURRENT
TEMPERATURE
bq2084-V140
SLUS664B – JULY 2005 – REVISED AUGUST 2006
FUNCTIONAL DESCRIPTION (continued)
The bq2084-V140 interfaces with the bq29312 to perform battery protection, cell balancing, and voltage
translation functions. The bq2084-V140 can accept any NTC thermistor (default is Semitec 103AT) for
temperature measurement or can also be configured to use its internal temperature sensor. The bq2084-V140
uses temperature to monitor the battery pack and to compensate the self-discharge estimate.
The bq2084-V140 uses an integrating sigma-delta analog-to-digital converter (ADC) for current measurement
and a second sigma-delta ADC for individual cell and battery voltage and temperature measurement. The
individual cell and pack voltages, Voltage(), Current(), AverageCurrent() and Temperature() are updated every 1
s during normal operation.
The integrating ADC measures the charge and discharge flow of the battery by monitoring a small-value sense
resistor between the SR1 and SR2 pins. The integrating ADC measures bipolar signals from -0.25 V to 0.25
µV.
The bq2084-V140 detects charge activity when VSR = V(SR1)-V(SR2) is positive and discharge activity when
VSR = V(SR1)-V(SR2) is negative. The bq2084-V140 continuously integrates the signal over time, using an
internal
counter.
The
fundamental
rate
of
the
counter
is
0.65
nVh.
The
bq2084-V140
updates
RemainingCapacity() with the charge or discharge accumulated in this internal counter once every second.
The bq2084-V140 provides an auto-calibration feature to cancel the voltage offset error across SR1 and SR2 for
maximum charge measurement accuracy. The bq2084-V140 performs auto-calibration when the SMBus lines
stay low for a minimum of 20 s when it internally connects SR1 to SR2 and measures the internal offset. With
this feature the bq2084-V140 is capable of automatic offset calibration down to <1 µV.
The bq2084-V140 does not measure charge or discharge counts below the digital filter threshold. The digital
filter threshold is programmed in the Digital Filter DF 0x2c and should be set sufficiently high to prevent false
signal detection with no charge or discharge flowing through the sense resistor.
While monitoring SR1 and SR2 for charge and discharge currents, the bq2084-V140 monitors the individual
series cell voltages through the bq29312. The bq2084-V140 configures the bq29312 to present the selected cell
to the CELL pin of the bq29312, which should be connected to VIN of the bq2084-V140. The internal ADC of the
bq2084-V140 then measures the voltage and scales it appropriately. The bq2084-V140 then reports the
Voltage() and the individual cell voltages in VCELL1(), VCELL2(), VCELL3(), and VCELL4(). An additional
SMBus command (0x45) returns the measured ADC Reading of the PACK input to the AFE.
The bq2084-V140 uses the SR1 and SR2 inputs to measure and calculate the battery charge and discharge
current. This value is reported via the SBS command Current(). AverageCurrent() is implemented as a
single-pole IIR filter with a 14.5-s time constant.
The TS input of the bq2084-V140 along with an NTC thermistor measures the battery temperature as shown in
the schematic. The bq2084-V140 reports temperature via the SBS command Temperature().
The bq2084-V140 can also be configured to use its internal temperature sensor by setting the IT bit in Misc
Configuration DF 0x2a-0x2b. Data flash locations DF 0xb5 through DF 0xc0 also have to be changed to
prescribed values if the internal temperature sensor option is selected.
8
Submit Documentation Feedback


Similar Part No. - BQ2084DBTR-V140G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBTR-V141 TI-BQ2084DBTR-V141 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084DBTR-V141 TI-BQ2084DBTR-V141 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084DBTR-V143 TI-BQ2084DBTR-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084DBTR-V143 TI-BQ2084DBTR-V143 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084DBTR-V143G4 TI-BQ2084DBTR-V143G4 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084DBTR-V140G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com