Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2054SNTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2054SNTRG4
Description  Lithium Ion Fast-Charge IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2054SNTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ2054SNTRG4 Datasheet HTML 1Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 2Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 3Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 4Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 5Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 6Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 7Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 8Page - Texas Instruments BQ2054SNTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
Chip On
VCC
4.5V
Temperature
Checks On
Battery
Status?
Temperature
in Range
Temperature Out
of Range or
Thermistor Absent
Qualification Test
Current
Regulation
@ ICOND
Phase 2
V = VREG
Fault
LED3 =1
MOD = 0
Charge
Complete
Charge
Pending
LED3 flash
MOD = 0
Phase 1
I = IMAX
Temperature Out
of Range or
Thermistor Absent
Temperature In
Range, Return
to Original State
VBAT < VLCO or
VBAT > VHCO
t
t > tMTO or
VBAT < VLCO or
VBAT > VHCO
Fail: t = tQT or
VBAT < VLCO
VBAT > VHCO
Present
VLCO < VBAT < VHCO
VBAT < VMIN
PASS: VBAT
VMIN
VBAT < VREG
VBAT VREG
Fast
Charge
ISNS > IMIN
ISNS
IMIN
or
t
tMTO
FG205401.eps
Absent
VBAT < VLCO or
VBAT > VHCO
>
>
<
>
>
VBAT
VLCO
or
VBAT
VHCO
VBAT
VLCO
or
VBAT
VHCO
Figure 2. bq2054 State Diagram
bq2054


Similar Part No. - BQ2054SNTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054SN TI-BQ2054SN Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
More results

Similar Description - BQ2054SNTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Asahi Kasei Microsystem...
AP4305 AKM-AP4305 Datasheet
897Kb / 32P
   USB Lithium-Ion Battery Charge Control IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com