Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq24040 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # bq24040
Description  Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq24040 Datasheet(HTML) 8 Page - Texas Instruments

Back Button bq24040 Datasheet HTML 4Page - Texas Instruments bq24040 Datasheet HTML 5Page - Texas Instruments bq24040 Datasheet HTML 6Page - Texas Instruments bq24040 Datasheet HTML 7Page - Texas Instruments bq24040 Datasheet HTML 8Page - Texas Instruments bq24040 Datasheet HTML 9Page - Texas Instruments bq24040 Datasheet HTML 10Page - Texas Instruments bq24040 Datasheet HTML 11Page - Texas Instruments bq24040 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
bq24040, bq24041, bq24045
SLUS941F – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics (continued)
Over junction temperature range 0°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BATTERY-PACK NTC MONITOR; TS Terminal: bq24040 / bq24045: 10k NTC
INTC-10k
NTC bias current
VTS = 0.3V
48
50
52
μA
10k NTC bias current when Charging is
INTC-DIS-10k
VTS = 0V
27
30
34
μA
disabled.
INTC is reduced prior to entering TTDM to
INTC-FLDBK-10k
VTS: Set to 1.525V
4
5
6.5
μA
keep cold thermistor from entering TTDM
Termination and timer disable mode
VTTDM(TS)
VTS: 0.5V → 1.7V; Timer Held in Reset
1550
1600
1650
mV
Threshold – Enter
VHYS-TTDM(TS)
Hysteresis exiting TTDM
VTS: 1.7V → 0.5V; Timer Enabled
100
mV
VCLAMP(TS)
TS maximum voltage clamp
VTS = Open (Float)
1800
1950
2000
mV
INTC adjustment (90 to 10%; 45 to 6.6uS) takes place
TS voltage where INTC is reduce to keep
VTS_I-FLDBK
near this spec threshold.
1475
mV
thermistor from entering TTDM
VTS: 1.425V → 1.525V
CTS
Optional Capacitance – ESD
0.22
μF
Low Temp Charging to Pending;
VTS-0°C
Low temperature CHG Pending
1205
1230
1255
mV
VTS: 1V → 1.5V
Charge pending to low temp charging;
VHYS-0°C
Hysteresis at 0°C
86
mV
VTS: 1.5V → 1V
Normal charging to low temp charging;
VTS-10°C
Low temperature, half charge
765
790
815
mV
VTS: 0.5V → 1V
Low temp charging to normal CHG;
VHYS-10°C
Hysteresis at 10°C
35
mV
VTS: 1V → 0.5V
Normal charging to high temp CHG;
VTS-45°C
High temperature at 4.1V
263
278
293
mV
VTS: 0.5V → 0.2V
High temp charging to normal CHG;
VHYS-45°C
Hysteresis at 45°C
10.7
mV
VTS: 0.2V → 0.5V
High temp charge to pending;
VTS-60°C
High temperature Disable
170
178
186
mV
VTS: 0.2V → 0.1V
Charge pending to high temp CHG;
VHYS-60°C
Hysteresis at 60°C
11.5
mV
VTS: 0.1V → 0.2V
VTS-EN-10k
Charge Enable Threshold, (10k NTC)
VTS: 0V → 0.175V;
80
88
96
mV
VTS-DIS_HYS-10k
HYS below VTS-EN-10k to Disable, (10k NTC)
VTS: 0.125V → 0V;
12
mV
THERMAL REGULATION
TJ(REG)
Temperature regulation limit
125
°C
TJ(OFF)
Thermal shutdown temperature
155
°C
TJ(OFF-HYS)
Thermal shutdown hysteresis
20
°C
BAT_EN , bq24041
I BAT_EN
Current Sourced out of terminal
V BAT_EN < 1.4 V
2.3
5
9
μA
VIL
Logic LOW enables charger
0
0.4
V
VIH
Logic HIGH disables charger
1.1
6
V
VCLAMP
Floating Clamp Voltage
Floating BAT_EN terminal
1.4
1.6
1.8
V
LOGIC LIVELS ON ISET2
VIL
Logic LOW input voltage
Sink 8
μA
0.4
V
VIH
Logic HIGH input voltage
Source 8
μA
1.4
V
IIL
Sink current required for LO
VISET2 = 0.4V
2
9
μA
IIH
Source current required for HI
VISET2 = 1.4V
1.1
8
μA
VFLT
ISET2 Float Voltage
575
900
1225
mV
AUTO START, ASI AND ASO TERMINALS, bq24041
VASIL
Has 200k Internal Pull-down
0.4
V
VASIH
1.3
V
VASOL
Auto Start Output Sinks 1mA
0.4
V
VASOH
Auto Start Input Sources 1mA
VOUT - 0.4
V
LOGIC LEVELS ON CHG AND PG
VOL
Output LOW voltage
ISINK = 5 mA
0.4
V
ILEAK
Leakage current into IC
V CHG = 5V, VPG = 5V
1
µA
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: bq24040 bq24041 bq24045


Similar Part No. - bq24040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
bq24040 TI1-bq24040 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24040DSQR TI-BQ24040DSQR Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
BQ24040DSQT TI-BQ24040DSQT Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
More results

Similar Description - bq24040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com