Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2201SN Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2201SN
Description  SRAM Nonvolatile Controller Unit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2201SN Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2201SN Datasheet HTML 5Page - Texas Instruments BQ2201SN Datasheet HTML 6Page - Texas Instruments BQ2201SN Datasheet HTML 7Page - Texas Instruments BQ2201SN Datasheet HTML 8Page - Texas Instruments BQ2201SN Datasheet HTML 9Page - Texas Instruments BQ2201SN Datasheet HTML 10Page - Texas Instruments BQ2201SN Datasheet HTML 11Page - Texas Instruments BQ2201SN Datasheet HTML 12Page - Texas Instruments BQ2201SN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
bq2201
Oct. 1998 D
S: 16-Pin SOIC
e
D
B
E
H
A1
A
C
L
.004
16-Pin S (SOIC)
Dimension
Minimum
Maximum
A
0.095
0.105
A1
0.004
0.012
B
0.013
0.020
C
0.008
0.013
D
0.400
0.415
E
0.290
0.305
e
0.045
0.055
H
0.395
0.415
L
0.020
0.040
All dimensions are in inches.


Similar Part No. - BQ2201SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201SN TI-BQ2201SN Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201SNN TI-BQ2201SNN Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2201SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2204ASN-N TI-BQ2204ASN-N Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204A TI-BQ2204A Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com