Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3808G15DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G15DBVTG4
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G15DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3808G15DBVTG4 Datasheet HTML 2Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 3Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS3808G15DBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPS3808
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
7.5 Electrical Characteristics
1.7 V
≤ VDD ≤ 6.5 V, RLRESET = 100 kΩ, CLRESET = 50 pF, over operating temperature range (TJ = –40°C to 125°C), unless
otherwise noted. Typical values are at TJ = 25°C
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
–40°C < TJ < 125°C
1.7
6.5
V
VDD
Input supply range
0°C < TJ < 85°C
1.65
6.5
V
VDD = 3.3 V, RESET not asserted
2.4
5
MR, RESET, CT open
IDD
Supply current (current into VDD pin)
μA
VDD = 6.5 V, RESET not asserted
2.7
6
MR, RESET, CT open
1.3 V
≤ VDD < 1.8 V, IOL = 0.4 mA
0.3
VOL
Low-level output voltage
1.8 V
≤ VDD ≤ 6.5 V, IOL = 1 mA
0.4
V
VPOR
Power-up reset voltage(2)
VOL (max) = 0.2 V, IRESET = 15 μA
0.8
TPS3808G01
–2%
±1%
2%
VIT ≤ 3.3 V
–1.5%
±0.5%
1.5%
Negative-going input
VIT
3.3 V < VIT ≤ 5.0 V
–2%
±1%
2%
threshold accuracy
VIT ≤ 3.3 V
–40°C < TJ < 85°C
–1.25%
±0.5%
1.25%
3.3 V < VIT ≤ 5.0 V
–40°C < TJ < 85°C
–1.5%
±0.5%
1.5%
TPS3808G01
1.5%
3%
VHYS
Hysteresis on VIT pin
VIT
Fixed versions
1%
2.5%
RMR
MR Internal pullup resistance
70
90
k
TPS3808G01
VSENSE = VIT
–25
25
nA
Input current at
ISENSE
SENSE pin
Fixed versions
VSENSE = 6.5 V
1.7
μA
IOH
RESET leakage current
VRESET = 6.5 V, RESET not asserted
300
nA
CT pin
VIN = 0 V to VDD
5
Input capacitance,
CIN
pF
any pin
Other pins
VIN = 0 V to 6.5 V
5
VIL
MR logic low input
0
0.3 VDD
V
VIH
MR logic high input
0.7 VDD
VDD
(1)
RLRESET and CLRESET are the resistor and capacitor connected to the RESET pin.
(2)
The lowest supply voltage (VDD) at which RESET becomes active. Trise(VDD) ≥ 15 μs/V.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: TPS3808


Similar Part No. - TPS3808G15DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G15DBVTG4 TI-TPS3808G15DBVTG4 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVTG4 TI-TPS3808G15DBVTG4 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVTG4 TI-TPS3808G15DBVTG4 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVTG4 TI-TPS3808G15DBVTG4 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G15DBVTG4 TI-TPS3808G15DBVTG4 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G15DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com