Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24157S Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24157S
Description  Full USB Compliance and USB-OTG Support
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24157S Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24157S Datasheet HTML 6Page - Texas Instruments BQ24157S Datasheet HTML 7Page - Texas Instruments BQ24157S Datasheet HTML 8Page - Texas Instruments BQ24157S Datasheet HTML 9Page - Texas Instruments BQ24157S Datasheet HTML 10Page - Texas Instruments BQ24157S Datasheet HTML 11Page - Texas Instruments BQ24157S Datasheet HTML 12Page - Texas Instruments BQ24157S Datasheet HTML 13Page - Texas Instruments BQ24157S Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
0
50
100
150
200
Load Current at VBUS (mA)
5
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
VBAT = 2.7 V
VBAT = 3.6 V
VBAT = 4.2 V
200 ns/div
AC Coupled
10 mV/div
AC Coupled
10 mA/div
VOUT
AC Coupled
50 mA/div
IBAT
INDUCTOR
70
75
80
85
90
95
0
50
100
150
200
Load Current at VBUS (mA)
VBAT = 2.7 V
VBAT = 3.6 V
VBAT = 4.2 V
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VBAT (V)
IBUS = 50 mA
IBUS = 100 mA
IBUS = 200 mA
IBUS = 375 mA
Not Recommended for New Designs
bq24157S
SLUSB76B – FEBRUARY 2013 – REVISED MAY 2015
www.ti.com
Typical Performance Characteristics (continued)
Using circuit shown in Figure 28, TA = 25°C, unless otherwise specified.
Figure 13. Boost Efficiency
Figure 14. Line Regulation For Boost
ICHG = 1.2 A
Figure 16. Output Ripple for Voltage and Current
Figure 15. Load Regulation for Boost
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: bq24157S


Similar Part No. - BQ24157S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24157YFFR TI-BQ24157YFFR Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24157YFFR TI1-BQ24157YFFR Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24157YFFT TI-BQ24157YFFT Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24157YFFT TI1-BQ24157YFFT Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
More results

Similar Description - BQ24157S

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD9157 TECHCODE-TD9157 Datasheet
2Mb / 35P
   Fully Integrated Switch-Mode ChargerWith USB Compliance and USB-OTG Support
logo
Texas Instruments
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24150 TI-BQ24150 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24153 TI-BQ24153 Datasheet
2Mb / 40P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24153A TI1-BQ24153A_17 Datasheet
2Mb / 52P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24152 TI-BQ24152 Datasheet
2Mb / 38P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
BQ24150A TI-BQ24150A Datasheet
2Mb / 41P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24156A TI1-BQ24156A_14 Datasheet
2Mb / 46P
[Old version datasheet]   Fully Integrated Switch-Mode One-Cell Li-Ion Charger With Full USB Compliance and USB-OTG Support
BQ24140 TI1-BQ24140_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated Dual-Input Switch-Mode One-Cell Li-Ion Charger with Full USB Compliance and USB-OTG Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com