Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ20Z80 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z80
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z80 Datasheet(HTML) 2 Page - Texas Instruments

  BQ20Z80 Datasheet HTML 1Page - Texas Instruments BQ20Z80 Datasheet HTML 2Page - Texas Instruments BQ20Z80 Datasheet HTML 3Page - Texas Instruments BQ20Z80 Datasheet HTML 4Page - Texas Instruments BQ20Z80 Datasheet HTML 5Page - Texas Instruments BQ20Z80 Datasheet HTML 6Page - Texas Instruments BQ20Z80 Datasheet HTML 7Page - Texas Instruments BQ20Z80 Datasheet HTML 8Page - Texas Instruments BQ20Z80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
SYSTEM DIAGRAM
LDO, ThermOutputDrive&UVLO
PowerManagement
LDO, TOUT,andPowerModecontrol
I2C
Impedance Track(TM)+LifetimeDataLogging
SMBus
Pack+
Pack-
Discharge/Charge/
PrechargeFETs
CellandPack
Voltage
Measurement
Precharge
FET Drive
2-TierOvercurrentProtection
32-kHzClock
Generator
bq20z80
768Bytesof
UserFlash
Fuse
1stLevelOVand
UVProtection
PackUndervoltage
PowerMode
Control
PrechargeControl
DelayCounters
CellBalancing AlgorithmandControl
CellBalancing
Drive
SystemInterface
SystemWatchdog
VoltageLevel Translator
SystemInterface
32kHz
PowerModeControl
Fail-SafeProtection
T1
1st LevelOC
Protection
TemperatureMeasurement
<1%Error
TINT
SupplyV oltage
bq29312A
PCHFET Drive
RAMRegisters
SBSv1.1Data
bq29312RAM/CommsValidation
bq294xx
XAlert
Sleep
SenseResistor
(5m-20mWtyp)
PFInput
1
2
7
6
5
4
3
38
37
36
35
34
33
32
VIN
TS1
TS2
PU
PRES
SCLK
VSSD
NC
NC
CLKOUT
XCK1/VSSA
XCK2/ROSC
FILT
SAFE
VDDD
VDDA
RBI
SDATA
VSSD
SAFE
SR2
SR1
VSSA
VSSA
8
9
10
11
12
31
30
29
28
27
13
14
19
18
17
16
15
26
25
24
23
22
21
20
NC
NC
SMBC
SMBD
DISP
PFIN
MRST
XALERT
LED1
LED2
LED3
LED4
LED5
VSSD
NC-Nointernalconnection
bq20z80
bq20z80A
SLUS782 – JULY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TSSOP (DBT)
(TOP VIEW)
2
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - BQ20Z80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z80 TI-BQ20Z80 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80 TI-BQ20Z80 Datasheet
482Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 73P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
517Kb / 28P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TM TECHNOLOGY FOR USE WITH THE BQ29312A
BQ20Z80-V101 TI-BQ20Z80-V101 Datasheet
1Mb / 75P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29312A
More results

Similar Description - BQ20Z80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z70 TI1-BQ20Z70_15 Datasheet
788Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK?
BQ20Z80ADBTR TI1-BQ20Z80ADBTR Datasheet
717Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK
BQ20Z45-R1 TI-BQ20Z45-R1 Datasheet
248Kb / 18P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655 TI1-BQ20Z655 Datasheet
323Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK
BQ20Z45 TI-BQ20Z45 Datasheet
488Kb / 20P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track?
BQ20Z655-R1 TI-BQ20Z655-R1_13 Datasheet
863Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z45-R1 TI1-BQ20Z45-R1_17 Datasheet
1Mb / 23P
[Old version datasheet]   SBS 1.1-Compliant Gas Gauge and Protection Enabled With Impedance Track
BQ20Z95 TI-BQ20Z95 Datasheet
530Kb / 20P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE and PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z65-R1 TI-BQ20Z65-R1 Datasheet
355Kb / 23P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
BQ20Z655-R1 TI1-BQ20Z655-R1 Datasheet
644Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com