Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24041DSQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24041DSQR
Description  Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24041DSQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ24041DSQR Datasheet HTML 6Page - Texas Instruments BQ24041DSQR Datasheet HTML 7Page - Texas Instruments BQ24041DSQR Datasheet HTML 8Page - Texas Instruments BQ24041DSQR Datasheet HTML 9Page - Texas Instruments BQ24041DSQR Datasheet HTML 10Page - Texas Instruments BQ24041DSQR Datasheet HTML 11Page - Texas Instruments BQ24041DSQR Datasheet HTML 12Page - Texas Instruments BQ24041DSQR Datasheet HTML 13Page - Texas Instruments BQ24041DSQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
361.8
362
362.2
362.4
362.6
362.8
363
363.2
363.4
2.5
3
3.5
4
4.5
V
- Output Voltage - V
O
I
at 85°C
O
I
at 25°C
O
I
at 0°C
O
V
- Input Voltage - V
IN
5
5.5
6
6.5
7
4.5
4.3415
4.3420
4.3425
4.3430
4.3435
4.3440
4.3445
4.3450
V
at 0°C
REG
V
at 25°C
REG
V
at 25°C
REG
4.192
4.193
4.194
4.195
4.196
4.197
4.198
4.199
4.2
0
0.2
0.4
0.6
0.8
1
I
- Output current - A
O
V
at 0°C
reg
V
at 25°C
reg
V
at 85°C
reg
I
- Current - mA
LOAD
4.34
4.342
4.344
4.346
4.348
4.35
4.352
100
200
300
400
500
600
700
800
900
0
V
at 85°C
REG
V
at 0°C
REG
V
at 25°C
REG
V
at 125°C
REG
528
530
532
534
536
538
540
542
544
546
0
0.2
0.4
0.6
0.8
I
-OutputCurrent- A
O
Kiset
.15
LowtoHighCurrents
(mayoccurinrechargetofastchargetransion)
HightoLowCurrents
(mayoccurinVoltageRegulation- TaperCurrent)
4.196
4.198
4.2
4.202
4.204
4.206
4.208
4.21
4.212
4.5
5
5.5
6
6.5
R
= 100
OUT
V
at 25°C
O
V
at 85°C
O
V - Input Voltage DC - V
I
V
at 0°C
O
bq24040, bq24041, bq24045
SLUS941F – SEPTEMBER 2009 – REVISED MARCH 2015
www.ti.com
7.7 Typical Operational Characteristics (Protection Circuits Waveforms)
SETUP: bq24040 typical applications schematic; VIN = 5V, VBAT = 3.6V (unless otherwise indicated)
Figure 2. Line Regulation
Figure 1. Kiset for Low and High Currents
Figure 4. Load Regulation
Figure 3. Load Regulation Over Temperature
Figure 5. Line Regulation
Figure 6. Current Regulation Over Temperature
10
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: bq24040 bq24041 bq24045


Similar Part No. - BQ24041DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24041DSQR TI-BQ24041DSQR Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
More results

Similar Description - BQ24041DSQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ26500PWR TI-BQ26500PWR Datasheet
690Kb / 30P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL BATTERY
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI-BQ24040 Datasheet
1Mb / 31P
[Old version datasheet]   800mA Single-Input Single Cell Li-Ion Battery Charger With Auto Start
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ24080-Q1 TI1-BQ24080-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Li-Ion and Li-Pol Automotive Charger
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Texas Instruments
BQ24080 TI-BQ24080 Datasheet
911Kb / 16P
[Old version datasheet]   SINGLE-CHIP, LI-ION AND LI-POL CHARGER IC
logo
Lowpower Semiconductor ...
LP28055 POWER-LP28055 Datasheet
298Kb / 7P
   1A Single-chip Li-ion and Li-POL Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com