Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24070RHLT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070RHLT
Description  System Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24070RHLT Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24070RHLT Datasheet HTML 4Page - Texas Instruments BQ24070RHLT Datasheet HTML 5Page - Texas Instruments BQ24070RHLT Datasheet HTML 6Page - Texas Instruments BQ24070RHLT Datasheet HTML 7Page - Texas Instruments BQ24070RHLT Datasheet HTML 8Page - Texas Instruments BQ24070RHLT Datasheet HTML 9Page - Texas Instruments BQ24070RHLT Datasheet HTML 10Page - Texas Instruments BQ24070RHLT Datasheet HTML 11Page - Texas Instruments BQ24070RHLT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
T-Temperatures- C
o
4.36
4.32
140
4.38
4.42
4.4
4.44
4.34
-60
-40
-20
0
20
40
60
80
100
120
V
,V
=5.5V
I =100 A
OUT
AC
I
+3Sigma
-3Sigma
Mean
bq24070, bq24071
SLUS694G – MARCH 2006 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics (continued)
over junction temperature range (0°C
≤ TJ ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SWITCHING POWER SOURCE TIMING
When input applied. Measure from:
Switching power source from input
[PG: Lo
→ Hi to I(IN) > 5 mA],
tSW-BAT
50
μs
to battery
I(OUT) = 100 mA,
RTRM = 50 K
THERMAL SHUTDOWN REGULATION(12)
T(SHTDWN)
Temperature trip
TJ (Q1 and Q3 only)
155
Thermal hysteresis
TJ (Q1 and Q3 only)
30
°C
TJ(REG)
Temperature regulation limit
TJ (Q2)
115
135
UVLO
V(UVLO)
Undervoltage lockout
Decreasing VCC
2.45
2.50
2.65
V
Hysteresis
27
mV
VREF OUTPUT
Active only if IN or USB is present,
VO(VREF)
Output regulation voltage
3.3
V
VI(OUT) ≥ VO(VREF) + (IO(VREF) × RDS(on))
Regulation accuracy(13)
–5%
5%
IO(VREF)
Output current
20
mA
RDS(on)
On resistance
OUT to VREF
50
C(OUT)
(14)
Output capacitance
1
μF
(12) Reaching thermal regulation reduces the charging current. Battery supplement current is not restricted by either thermal regulation or
shutdown. Input power FETs turn off during thermal shutdown. The battery FET is only protected by a short-circuit limit which typically
does not cause a thermal shutdown (input FETs turning off) by itself.
(13) In standby mode (CE low) the accuracy is ±10%.
(14) VREF output capacitor not required, but one with a value of 0.1 μF is recommended.
7.6 Typical Characteristics
Figure 1. SIGMA Typical OUT Voltage Regulation, bq24070
8
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: bq24070 bq24071


Similar Part No. - BQ24070RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLT TI-BQ24070RHLT Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLT TI-BQ24070RHLT Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24070RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Texas Instruments
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com