Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24012DRCRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24012DRCRG4
Description  Single-Chip, Li-Ion Charge Management IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24012DRCRG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24012DRCRG4 Datasheet HTML 1Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 2Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 3Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 4Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 5Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 6Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 7Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 8Page - Texas Instruments BQ24012DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
bq24010, bq24012
bq24013, bq24014, bq24018
SLUS530K – SEPTEMBER 2002 – REVISED JANUARY 2014
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
Supply voltage range, (VCC all with respect to VSS)
–0.3 to 18
V
IN, STAT1, STAT2, TS, PG, CE, TTE
–0.3 to VCC
V
Input voltage range(2)
BAT, OUT, ISET
–0.3 to 7
VDC
Voltage difference between VCC and IN inputs VCC – VIN
±0.5
V
Output sink/source current
STAT1, STAT2, PG
15
Output current
IN, OUT
1.5
TA
Operating free-air temperature range
–40 to 125
°C
TJ
Junction temperature range
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are DC and with respect to VSS.
DISSIPATION RATINGS
TA < 40°C
DERATING FACTOR
PACKAGE
θJA
POWER RATING
ABOVE TA = 40°C
DRC(1)
47°C/W
1.5 W
0.021 W/°C1
(1)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage(1) (2)
3
16.5
V
VIN
Input voltage(1) (2)
3
16.5
V
TJ
Operating junction temperature range
–40
125
°C
(1)
Pins VCC and IN must be tied together.
(2)
If Vin is between UVLO and 4.35V, and above the battery voltage, then the IC is active (can deliver some charge to the battery), but the
IC will have limited or degraded performance (some functions may not meet data sheet specifications). The battery may be
undercharged (VO(reg) less than in the specification), but will not be overcharged (VO(reg) will not exceed specification).
ELECTRICAL CHARACTERISTICS
over 0°C
≤ TJ ≤ 125°C and recommended supply voltage, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENT
ICC(VCC)
VCC current
VCC > VCC(min), STATx pins in OFF state
0
3.5
5
mA
ICC(SLP)
Sleep current
Sum of currents into OUT and BAT pins, VCC < V(SLP)
5
μA
IIB(BAT)
Input bias current on BAT pin
500
nA
IIB(TS)
Input current on TS pin
VI(TS) ≤ 10 V
1
IIB(CE)
Input current on CE pin
1
μA
IIB(TTE)
Input bias current on TTE pin
1
VOLTAGE REGULATION VO(REG) + V(DO–MAX) ≤ VCC, I(TERM) < IO(OUT) ≤ 1 A
bq24010, bq24012, bq24013, bq24014
4.2
V
Output voltage, VO(REG)
bq24018
4.36
2
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: bq24010, bq24012 bq24013, bq24014, bq24018


Similar Part No. - BQ24012DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24012DRCRG4 TI-BQ24012DRCRG4 Datasheet
289Kb / 21P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
BQ24012DRCRG4 TI-BQ24012DRCRG4 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
More results

Similar Description - BQ24012DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
[Old version datasheet]   SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com