Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2201SNTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2201SNTRG4
Description  SRAM Nonvolatile Controller Unit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2201SNTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2201SNTRG4 Datasheet HTML 1Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 2Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 3Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 4Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 5Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 6Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 7Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 8Page - Texas Instruments BQ2201SNTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
® Power monitoring and switching
for 3-volt battery-backup applica-
tions
® Write-protect control
® 3-volt primary cell inputs
® Less than 10ns chip-enable
propagation delay
® 5% or 10% supply operation
General Description
The CMOS bq2201 SRAM Nonvolatile
Controller Unit provides all necessary
functions for converting a standard
CMOS SRAM into nonvolatile
read/write memory.
A precision comparator monitors the
5V VCC input for an out-of-tolerance
condition. When out of tolerance is
detected, a conditioned chip-enable
output is forced inactive to write-
protect any standard CMOS SRAM.
During a power failure, the external
SRAM is switched from the VCC
supply to one of two 3V backup sup-
plies. On a subsequent power-up, the
SRAM is write-protected until a
power-valid condition exists.
The bq2201 is footprint- and timing-
compatible with industry stan-
dards with the added benefit of a
chip-enable propagation delay of
less than 10ns.
1
SRAM Nonvolatile Controller Unit
bq2201
Oct. 1998 D
Pin Names
VOUT
Supply output
BC1—BC2
3-volt primary backup cell inputs
THS
Threshold select input
CE
chip-enable active low input
CECON
Conditioned chip-enable output
VCC
+5-volt supply input
VSS
Ground
NC
No Connect
Functional Description
Pin Connections
An external CMOS static RAM can be battery-backed
using the VOUT and the conditioned chip-enable output
pin from the bq2201. As VCC slews down during a power
failure, the conditioned chip-enable output CECON is
forced inactive independent of the chip-enable input CE.
This activity unconditionally write-protects external
SRAM as VCC falls to an out-of-tolerance threshold VPFD.
VPFD is selected by the threshold select input pin, THS.
If THS is tied to VSS, power-fail detection occurs at 4.62V
typical for 5% supply operation. If THS is tied to VCC,
power-fail detection occurs at 4.37V typical for 10% sup-
ply operation. The THS pin must be tied to VSS or VCC for
proper operation.
If a memory access is in process during power-fail detec-
tion, that memory cycle continues to completion before the
memory is write-protected. If the memory cycle is not ter-
minated within time tWPT, the CECON output is uncondi-
tionally driven high, write-protecting the memory.
1
PN220101.eps
8-Pin Narrow DIP or SOIC
2
3
4
8
7
6
5
VCC
BC1
CECON
CE
VOUT
BC2
THS
VSS
1
PN2201E.eps
16-Pin SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
VCC
NC
BC1
NC
CECON
NC
CE
NC
VOUT
NC
BC2
NC
THS
NC
VSS


Similar Part No. - BQ2201SNTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201SN TI-BQ2201SN Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201SNN TI-BQ2201SNN Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2201SNTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2204ASN-N TI-BQ2204ASN-N Datasheet
395Kb / 13P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204A TI-BQ2204A Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com