Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24071RHLT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24071RHLT
Description  System Power-Path Management IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24071RHLT Datasheet(HTML) 3 Page - Texas Instruments

  BQ24071RHLT Datasheet HTML 1Page - Texas Instruments BQ24071RHLT Datasheet HTML 2Page - Texas Instruments BQ24071RHLT Datasheet HTML 3Page - Texas Instruments BQ24071RHLT Datasheet HTML 4Page - Texas Instruments BQ24071RHLT Datasheet HTML 5Page - Texas Instruments BQ24071RHLT Datasheet HTML 6Page - Texas Instruments BQ24071RHLT Datasheet HTML 7Page - Texas Instruments BQ24071RHLT Datasheet HTML 8Page - Texas Instruments BQ24071RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
STAT2
IN
BAT
BAT
ISET2
MODE
CE
PG
OUT
OUT
OUT
TMR
DPPM
TS
20
1
11
10
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
STAT1
GND
bq24070, bq24071
www.ti.com
SLUS694G – MARCH 2006 – REVISED DECEMBER 2014
5 Device Comparison Table
PART
BATTERY
PACKAGE
TA
OUT PIN
STATUS
NUMBER (1)
VOLTAGE (V)
MARKING
bq24070
Regulated to 4.4 V(2)
BRQ
–40°C to 125°C
4.2
Production
bq24071
Regulated to 6 V
BTR
(1)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(2)
If IN < VO(OUT-REG), the IN is connected to the OUT pin by a P-FET, (Q1).
6 Pin Configuration and Functions
RHL Package
20 Pins
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BAT
5, 6
I/O
Battery input and output.
CE
9
I
Chip enable input (active high)
DPPM
13
I
Dynamic power-path management set point (account for scale factor)
GND
19, 20
I
Ground input
IN
4
I
Charge input voltage
ISET1
10
I/O
Charge current set point and precharge and termination set point
Charge current set point for USB port. (High = 500 mA, Low = 100 mA) See half-charge current mode
ISET2
7
I
using ISET2.
MODE
8
I
Power source selection input (Low for USB mode current limit)
OUT
15, 16, 17
O
Output terminal to the system
PG
18
O
Power-good status output (open-drain)
STAT1
2
O
Charge status output 1 (open-drain)
STAT2
3
O
Charge status output 2 (open-drain)
Timer program input programmed by resistor. Disable fast-charge safety timer and termination by tying
TMR
14
I/O
TMR to VREF.
TS
12
I/O
Temperature sense input
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24070 bq24071


Similar Part No. - BQ24071RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24071RHLT TI-BQ24071RHLT Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results

Similar Description - BQ24071RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Texas Instruments
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com