Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7861E Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7861E
Description  Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7861E Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7861E Datasheet HTML 2Page - Texas Instruments ADS7861E Datasheet HTML 3Page - Texas Instruments ADS7861E Datasheet HTML 4Page - Texas Instruments ADS7861E Datasheet HTML 5Page - Texas Instruments ADS7861E Datasheet HTML 6Page - Texas Instruments ADS7861E Datasheet HTML 7Page - Texas Instruments ADS7861E Datasheet HTML 8Page - Texas Instruments ADS7861E Datasheet HTML 9Page - Texas Instruments ADS7861E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADS7861
6
SBAS110D
INTEGRAL LINEARITY ERROR vs CODE
Hex BTC Code
Typical of All Four Channels
1
0.75
0.5
0.25
0
–0.25
–0.5
–0.75
–1
800
000
7FF
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VA + VD = +5V, and VREF = internal +2.5V, fCLK = 8MHz, fSAMPLE = 500kSPS, unless otherwise noted.
CHANGE IN NEGATIVE GAIN MATCH
vs TEMPERATURE
(Maximum Deviation for All Four Channels)
Temperature (
°C)
0.2
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
–40
25
85
150
CHANGE IN REFERENCE VOLTAGE
vs TEMPERATURE
Temperature (
°C)
2.51
2.505
2.5
2.495
2.49
2.485
–40
25
85
150
CHANGE IN BIPOLAR ZERO
vs TEMPERATURE
Temperature (
°C)
0.75
0.5
0.25
0
–0.25
–0.5
–0.75
–40
25
A Channel
B Channel
85
150
CHANGE IN CMRR vs TEMPERATURE
Temperature (
°C)
86
85
84
83
82
81
80
79
78
–40
–525
55
85
CHANGE IN BPZ MATCH vs TEMPERATURE
Temperature (
°C)
1
0.75
0.5
0.25
0
–40
25
85
150


Similar Part No. - ADS7861E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7861E BURR-BROWN-ADS7861E Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861EB BURR-BROWN-ADS7861EB Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7861E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361 TI1-ADS8361_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com