Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7890IPFBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7890IPFBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS7890IPFBT Datasheet HTML 1Page - Texas Instruments ADS7890IPFBT Datasheet HTML 2Page - Texas Instruments ADS7890IPFBT Datasheet HTML 3Page - Texas Instruments ADS7890IPFBT Datasheet HTML 4Page - Texas Instruments ADS7890IPFBT Datasheet HTML 5Page - Texas Instruments ADS7890IPFBT Datasheet HTML 6Page - Texas Instruments ADS7890IPFBT Datasheet HTML 7Page - Texas Instruments ADS7890IPFBT Datasheet HTML 8Page - Texas Instruments ADS7890IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
5
TIMING REQUIREMENTS
All specifications typical at −40
°C to 85°C, +VA = +5 V, +VBD = +5 V (see Notes 1, 2, and 3)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
REF FIG.
Conversion time
t(conv)
365
ns
1,2
Acquisition time
t(acq)
187.5
ns
1,2
Cycle time, SCLK
t(cyc)
25
ns
1,2
Pulse duration, SCLK low
twL
10
ns
Pulse duration, SCLK high
twH
10
ns
DSP INTERFACE
Setup time CS low to FS high
tsu1
8
ns
2
Delay time FS high to MSB valid
td1
9
ns
2
FS pulse duration
tw1
15
ns
2
Hold time, SCLK falling edge to FS falling edge (last SCLK falling edge when
FS high)
th1
5
ns
2
Setup time, FS falling edge to first falling edge of SCLK after FS low
tsu2
5
ns
2
Hold time, internal conversion (indicated by tconv) end to FS rising edge to avoid
conversion abort
th3
10
ns
2
Delay time, 9th SCLK rising edge to FS rising edge for frame abort during
sample
td8
5
ns
10
SPI INTERFACE
Pulse duration, CS minimum
tw5
15
ns
1
Hold time, SCLK falling edge (last SCLK falling edge when CS is high) to CS
falling edge
th2
5
ns
1
Setup time, CS low to first SCLK falling edge after CS low
tsu3
5
ns
1
Delay time, CS low to MSB valid
td3
9
ns
1
Hold time, internal conversion (indicted by tconv) end to CS falling edge to avoid
conversion abort
th3
10
ns
1
DSP AND SPI INTERFACE
Delay time, SCLK rising edge to SDO valid
td2
9
ns
1, 2
Hold time, 16th SCLK falling edge to CS rising edge
th4
10
ns
1, 2
Delay time, 16th SCLK falling edge to BUSY rising edge
td4
40
ns
1, 2
Pulse duration, BUSY high
tw2
365
ns
1, 2
Delay time, 9th SCLK rising edge to CS rising edge for frame abort during
sample
td8
5
ns
6, 11
Delay time, CS high to SDO three-state
td5
10
ns
1, 2
POWER DOWN/RESET
Pulse width, low for PWD/RST to reset the device
tw3
45
6140
ns
4
Pulse width, low for PWD/RST to power down the device
tw4
7200
ns
3
Delay time, power up after PWD/RST is high
td6
25
ms
3
Delay time, falling edge of PWD/RST to SDO three-state
td7
10
ns
3, 4
(1) All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2) See timing diagram.
(3) All timings are measured with 20-pF equivalent loads at 5 V +VBD and 10-pF equivalent loads at 3 V +VBD on the SDO and BUSY pins.


Similar Part No. - ADS7890IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7890IPFBT TI-ADS7890IPFBT Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7890IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com