Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7891IPFBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7891IPFBR
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7891IPFBR Datasheet(HTML) 4 Page - Texas Instruments

  ADS7891IPFBR Datasheet HTML 1Page - Texas Instruments ADS7891IPFBR Datasheet HTML 2Page - Texas Instruments ADS7891IPFBR Datasheet HTML 3Page - Texas Instruments ADS7891IPFBR Datasheet HTML 4Page - Texas Instruments ADS7891IPFBR Datasheet HTML 5Page - Texas Instruments ADS7891IPFBR Datasheet HTML 6Page - Texas Instruments ADS7891IPFBR Datasheet HTML 7Page - Texas Instruments ADS7891IPFBR Datasheet HTML 8Page - Texas Instruments ADS7891IPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADS7891
SLAS410 − DECEMBER 2003
www.ti.com
4
SPECIFICATIONS Continued
TA = −40°C to 85°C, +VA = 5 V, +VBD = 5 V or 3.3 V, Vref = 2.5 V, fsample = 3 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL REFERENCE OUTPUT
Start-up time
From 95% (+VA), with 1-
µF storage
capacitor on REFOUT to AGND
120
msec
VREF Range
IOUT=0
2.48
2.5
2.52
V
Source current
Static load
10
µA
Line regulation
+VA = 4.75 V to 5.25 V
1
mV
Drift
IOUT = 0
25
PPM/C
DIGITAL INPUT/OUTPUT
Logic family
CMOS
VIH
IIH = 5 µA
+VBD −1
+VBD + 0.3
V
Logic level
VIL
IIL = 5 µA
−0.3
0.8
V
Logic level
VOH
IOH = 2 TTL loads
+VBD − 0.6
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
V
Data format
Straight
Binary
POWER SUPPLY REQUIREMENTS
Power supply voltage
+VBD
2.7
3.3
5.25
V
Power supply voltage
+VA
4.75
5
5.25
V
Supply current, +VA, 3 MHz sample rate
17
18
mA
Power dissipation, 3 MHz sample rate
+VA = 5 V
85
90
mW
NAP MODE
Supply current, +VA
2
3
mA
Power-up time(1)
60
nsec
POWER DOWN
Supply current, +VA
2
2.5
µA
Power down time(2)
From simulation results
10
µsec
Power up time
1-
µF Storage capacitor on REFOUT to
AGND
25
msec
Invalid conversions after power up or reset
4
Numbers
TEMPERATURE RANGE
Operating free-air
−40
85
°C
(1) Minimum acquisition time for first sampling after the end of nap state must be 60 nsec more than normal.
(2) Time required to reach level of 2.5 µA.


Similar Part No. - ADS7891IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7891IPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881 BURR-BROWN-ADS7881_13 Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com