Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8402 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8402
Description  16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8402 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8402 Datasheet HTML 1Page - Texas Instruments ADS8402 Datasheet HTML 2Page - Texas Instruments ADS8402 Datasheet HTML 3Page - Texas Instruments ADS8402 Datasheet HTML 4Page - Texas Instruments ADS8402 Datasheet HTML 5Page - Texas Instruments ADS8402 Datasheet HTML 6Page - Texas Instruments ADS8402 Datasheet HTML 7Page - Texas Instruments ADS8402 Datasheet HTML 8Page - Texas Instruments ADS8402 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADS8402
SLAS154B – DECEMBER 2002 – REVISED MAY 2003
www.ti.com
4
SPECIFICATIONS (CONTINUED)
TA = –40°C to 85°C, +VA = +5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1.25 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DynamicCharacteristics
Total harmonic distortion (THD) (see Note 1)
VIN = 8 Vpp at 100 kHz
–95
dB
Signal-to-noise ratio (SNR)
VIN = 8 Vpp at 100 kHz
90
dB
Signal-to-noise + distortion (SINAD)
VIN = 8 Vpp at 100 kHz
88
dB
Spurious free dynamic range (SFDR)
VIN = 8 Vpp at 100 kHz
95
dB
–3dB Small signal bandwidth
5
MHz
External Voltage Reference Input
Reference voltage at REFIN, Vref
2.5
4.096
4.2
V
Reference resistance (see Note 2)
500
k
Internal Reference Output
Internal reference start-up time
From 95% (+VA), with 1
µF
storage capacity
120
ms
Vref range
IOUT = 0
4.065
4.096
4.13
V
Source Current
Static load
10
µA
Line Regulation
+VA = 4.75 ~ 5.25 V
0.6
mV
Drift
IOUT = 0
36
PPM/C
Digital Input/Output
Logic family
CMO
S
VIH
IIH = 5 µA
+VBD–1
+VBD + 0.3
Li l
l
VIL
IIL = 5 µA
–0.3
0.8
V
Logic level
VOH
IOH = 2 TTL loads
+VBD – 0.6
+VBD
V
VOL
IOL = 2 TTL loads
0
0.4
Data format
2’s
Complement
Power Supply Requirements
Pl
lt
+VBD (see Notes 3 and 4)
2.95
3.3
5.25
V
Power supply voltage
+VA (see Note 4)
4.75
5
5.25
V
+VA Supply current (see Note 5)
fs = 1.25 MHz
31
34
mA
Power dissipation (see Note 5)
fs = 1.25 MHz
155
mW
Temperature Range
Operatingfree-air
–40
85
°C
(1) Calculated on the first nine harmonics of the input frequency
(2) Can vary
±20%
(3) The difference between +VA and +VBD should not be less than 2.3 V, i.e., if +VA is 5.25 V, +VBD should be minimum of 2.95 V.
(4) +VBD
≥ +VA – 2.3 V
(5) This includes only VA+ current. +VBD current is typically 1 mA with 5 pF load capacitance on output pins.


Similar Part No. - ADS8402

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8402 TI-ADS8402 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
logo
Burr-Brown (TI)
ADS8402I BURR-BROWN-ADS8402I Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402IB BURR-BROWN-ADS8402IB Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results

Similar Description - ADS8402

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com