Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8372IRHPR Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS8372IRHPR
Description  16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8372IRHPR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8372IRHPR Datasheet HTML 1Page - Texas Instruments ADS8372IRHPR Datasheet HTML 2Page - Texas Instruments ADS8372IRHPR Datasheet HTML 3Page - Texas Instruments ADS8372IRHPR Datasheet HTML 4Page - Texas Instruments ADS8372IRHPR Datasheet HTML 5Page - Texas Instruments ADS8372IRHPR Datasheet HTML 6Page - Texas Instruments ADS8372IRHPR Datasheet HTML 7Page - Texas Instruments ADS8372IRHPR Datasheet HTML 8Page - Texas Instruments ADS8372IRHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
CDAC
_
+
Output
Latches
and
3-State
Drivers
FS
SAR
Conversion
and
Control Logic
Comparator
Clock
+IN
−IN
REFIN
CONVST
BUSY
CS
PD
4.096-V
Internal
Reference
REFOUT
SCLK
SDO
ADS8372
SLAS451 – JUNE 2005
16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT,
MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL INTERFACE AND REFERENCE
Pin Compatible With 18-Bit ADS8382
600-kHz Sample Rate
±0.35 LSB Typ, ±0.75 LSB Max INL
Medical Instruments
±0.25 LSB Typ, ±0.5 LSB Max DNL
Optical Networking
16-Bit NMC
Transducer Interface
SINAD 93.5 dB, SFDR 120 dB at fi = 1 kHz
High Accuracy Data Acquisition Systems
High-Speed Serial Interface up to 40 MHz
Magnetometers
Onboard Reference Buffer
Onboard 4.096-V Reference
Pseudo-Bipolar Input, up to ±4.2 V
The ADS8372 is a high performance 16-bit, 600-kHz
Onboard Conversion Clock
A/D converter with fully differential, pseudo-bipolar
Zero Latency
input. The device includes an 16-bit capacitor-based
Wide Digital Supply
SAR A/D converter with inherent sample and hold.
The ADS8372 offers a high-speed CMOS serial
Low Power
interface with clock speeds up to 40 MHz.
– 110 mW at 600 kHz
– 15 mW During Nap Mode
The ADS8372 is available in a 28 lead 6 × 6 QFN
package and is characterized over the industrial
– 10
µW During Power Down
–40°C to 85°C temperature range.
28-Pin 6 × 6 QFN Package
High Speed SAR Converter Family
Type/Speed
500 kHz
~ 600 kHz
750 kHZ
1 MHz
1.25 MHz
2 MHz
3 MHz
4 MHz
ADS8383
ADS8381
18-Bit Pseudo-Diff
ADS8380 (S)
18-Bit Pseudo-Bipolar, Fully Diff
ADS8382 (S)
16-Bit Pseudo-Diff
ADS8370 (S)
ADS8371
ADS8401/05
ADS8411
16-Bit Pseudo-Bipolar, Fully Diff
ADS8372 (S)
ADS8402/06
ADS8412
14-Bit Pseudo-Diff
ADS7890 (S)
ADS7891
12-Bit Pseudo-Diff
ADS7886
ADS7881
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8372IRHPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8372IRHPR BURR-BROWN-ADS8372IRHPR Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results

Similar Description - ADS8372IRHPR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 29P
   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com