Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8924BRGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8924BRGER
Description  ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8924BRGER Datasheet(HTML) 1 Page - Texas Instruments

  ADS8924BRGER Datasheet HTML 1Page - Texas Instruments ADS8924BRGER Datasheet HTML 2Page - Texas Instruments ADS8924BRGER Datasheet HTML 3Page - Texas Instruments ADS8924BRGER Datasheet HTML 4Page - Texas Instruments ADS8924BRGER Datasheet HTML 5Page - Texas Instruments ADS8924BRGER Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAR
ADC
LDO
BUF
GND
RVDD
DECAP
REFIN
REFBUFOUT
REFM
AINP
AINM
DVDD
multiSPI
TM
Digital
Interface
To Digital
Host
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
ADS8920B
ADS8922B
ADS8924B
SBAS729 – JUNE 2016
ADS892xB 16-bit, High-Speed SAR ADCs With Integrated Reference Buffer,
Integrated LDO, and multiSPI™ Digital Interface
1
1 Features
1
Resolution: 16-bit
High Sample Rate With No Latency Output:
ADS8920B : 1 MSPS
ADS8922B : 500 kSPS
ADS8924B : 250 kSPS
Integrated LDO Enables Single-Supply Operation
Burst-Mode Operation With Precise First Sample
Excellent AC and DC Performance:
SNR: 96.8 dB, THD: –125 dB
INL: ±0.5 LSB (Max)
DNL: ±0.5 LSB (Max), 16-Bit NMC
Wide Input Range:
Unipolar Differential Input Range: ±VREF
VREF Input Range: 2.5 V to 5 V
Single-Supply, Low-Power Operation
(Includes Internal Reference Buffer and LDO)
ADS8920B : 21 mW at 1 MSPS
ADS8922B : 16 mW at 500 kSPS
ADS8924B : 14 mW at 250 kSPS
multiSPI™ Digital Interface
Extended Temperature Range: –40°C to +125°C
Small Footprint: 4-mm × 4-mm VQFN
2 Applications
Test and Measurement
Medical Imaging
High-Precision, High-Speed Industrial Data
Acquisition
3 Description
The
ADS8920B,
ADS8922B,
and
ADS8924B
(ADS892xB)
belong
to
a
family
of
pin-to-pin
compatible, high-speed, high-precision successsive
approximation register (SAR) based, analog-to-digital
convertors (ADCs) with an integrated reference buffer
and integrated low-dropout regulator (LDO). These
devices support unipolar, fully-differential analog input
signals with ±0.5-LSB INL (max) and 96-dB SNR
(min) specifications over the specified range of
operating conditions.
The integrated LDO enables single-supply operation
with
low
power
consumption.
The
integrated
reference buffer supports burst-mode data acquisition
with 16-bit precision for the first sample. External
reference voltages in the range 2.5 V to 5 V are
supported, offering a wide selection of input ranges
without additional input scaling.
The integrated multiSPI digital interface is backward-
compatible
to
the
traditional
SPI
protocol.
Additionally, configurable features simplify board
layout, timing, and firmware, and support high
throughput at lower clock speeds. The multiSPI digital
interface allows for easy interface with a variety of
microcontrollers, digital signal processors (DSPs),
and field-programmable gate arrays (FPGAs).
The ADS892x family is offered in a space-saving,
4-mm × 4-mm, VQFN package, and is fully specified
over the extended temperature range of –40°C to
+125°C.
Device Information
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADS892xB
VQFN (24)
4.00 mm × 4.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Functional Block Diagram


Similar Part No. - ADS8924BRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGER TI1-ADS8900BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8900BRGET TI1-ADS8900BRGET Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902B TI1-ADS8902B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8902BRGER TI1-ADS8902BRGER Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
More results

Similar Description - ADS8924BRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8900B TI1-ADS8900B Datasheet
1Mb / 76P
[Old version datasheet]   20-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI Digital Interface
ADS8910B TI1-ADS8910B Datasheet
977Kb / 68P
[Old version datasheet]   ADS891xB 18-Bit, High-Speed SAR ADCs With Integrated Reference Buffer, Integrated LDO, and multiSPI??Digital Interface
logo
Linear Technology
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
logo
Maxim Integrated Produc...
MAX154 MAXIM-MAX154 Datasheet
153Kb / 12P
   CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
19-0892; Rev 3; 12/96
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
   16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
logo
Texas Instruments
ADS61B49 TI-ADS61B49_09 Datasheet
1Mb / 62P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Maxim Integrated Produc...
MAX11192 MAXIM-MAX11192 Datasheet
15Mb / 37P
   12-/14-/16-Bit, 2Msps, Dual Simultaneous Sampling SAR ADCs with Internal Reference
Rev 1; 9/17
logo
Texas Instruments
ADS61B29 TI-ADS61B29 Datasheet
1Mb / 61P
[Old version datasheet]   14-/12-Bit, 250-MSPS ADCs With Integrated Analog Buffer
logo
Linear Technology
LTC2323 LINER-LTC2323 Datasheet
495Kb / 10P
   Dual 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
LTC2311 LINER-LTC2311 Datasheet
524Kb / 10P
   Single 16-Bit/14-Bit/12-Bit, 5Msps/2Msps, Serial, High Speed SAR ADCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com