Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFF6053A Datasheet(PDF) 1 Page - CTS Corporation

Part # KFF6053A
Description  Surface mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6053A Datasheet(HTML) 1 Page - CTS Corporation

  KFF6053A Datasheet HTML 1Page - CTS Corporation KFF6053A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6053A
1575.4 MHz GPS BPF
Features
•Low Loss
• Excellent Return Loss
• Symmetrical Attenuation
Description
Surface mount, silver (Ag) coated ceramic
filter. Developed for use in commercial
and military GPS applications.
Weight:
14.8 grams typical
Material:
Filter is composed of a ceramic
block plated with Ag and a bracket made of
60-40 tin lead plated cold roll steel.
Filter complies with RoHS standards.
Electrical Specifications
Parameter
Frequency
(MHz)
Typical @ 25ºC
Spec. @
25ºC
Passband Insertion Loss
1565.4-1585.4
0.8 dB
1.0 dB max
Passband Return Loss
1565.4-1585.4
16.0 dB
12.0 dB min
Attenuation
1500.4
32.5 dB
30.0 dB min
1650.4
33.5 dB
30.0 dB min
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
٠ CTS Electronic Components ٠ www.ctscorp.com ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠


Similar Part No. - KFF6053A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
KFF6050A CTS-KFF6050A Datasheet
79Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6052A CTS-KFF6052A Datasheet
134Kb / 2P
   Pin mounted, silver (Ag) coated ceramic filter.
More results

Similar Description - KFF6053A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0295B CTS-CER0295B Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0325C CTS-CER0325C Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0325E CTS-CER0325E Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6450A CTS-KFF6450A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com