Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11898 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ACT11898
Description  10-bit serial-in parallel-out shift register
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11898 Datasheet(HTML) 4 Page - Texas Instruments

  74ACT11898 Datasheet HTML 1Page - Texas Instruments 74ACT11898 Datasheet HTML 2Page - Texas Instruments 74ACT11898 Datasheet HTML 3Page - Texas Instruments 74ACT11898 Datasheet HTML 4Page - Texas Instruments 74ACT11898 Datasheet HTML 5Page - Texas Instruments 74ACT11898 Datasheet HTML 6Page - Texas Instruments 74ACT11898 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74AC11898
10BIT PARALLELOUT SERIAL SHIFT REGISTER
SCAS143 − OCTOBER 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25
°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = − 50 µA
4.5 V
4.4
4.4
IOH = − 50 µA
5.5 V
5.4
5.4
VOH
IOH = − 4 mA
3 V
2.58
2.48
V
VOH
IOL = − 24 mA
4.5 V
3.94
3.8
V
IOL = − 24 mA
5.5 V
4.94
4.8
IOH = − 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
IOL = 50 µA
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
VOL
IOL = 24 mA
4.5 V
0.36
0.44
V
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
VI = VCC or GND
5.5 V
±0.1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
VI = VCC or GND
5 V
4
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
timing requirements over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
MIN
MAX
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
40
0
40
ns
tw
Pulse duration
CLR low
5
5
ns
tw
Pulse duration
CLK high or low
12.5
12.5
ns
tsu
Setup time before CLK
Data
14
14
ns
tsu
Setup time before CLK
CLR inactive
1.5
1.5
ns
th
Hold time, data after CLK
0
0
ns
timing requirements over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
TA = 25°C
MIN
MAX
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
60
0
60
ns
tw
Pulse duration
CLR low
4.5
4.5
ns
tw
Pulse duration
CLK high or low
8.3
8.3
ns
tsu
Setup time before CLK
Data
8.5
8.5
ns
tsu
Setup time before CLK
CLR inactive
1.5
1.5
ns
th
Hold time, data after CLK
0
0
ns


Similar Part No. - 74ACT11898

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ACT11898 PHILIPS-74ACT11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898 TI1-74ACT11898 Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
NXP Semiconductors
74ACT11898D PHILIPS-74ACT11898D Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898DW TI1-74ACT11898DW Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
NXP Semiconductors
74ACT11898N PHILIPS-74ACT11898N Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
More results

Similar Description - 74ACT11898

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11898 PHILIPS-74AC11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898 TI1-74ACT11898 Datasheet
505Kb / 13P
[Old version datasheet]   10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com