Electronic Components Datasheet Search |
|
54ACT11021 Datasheet(PDF) 3 Page - Texas Instruments |
|
54ACT11021 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 5 page 54ACT11021, 74ACT11021 DUAL 4INPUT POSITIVEAND GATES SCAS012B − D2957, JULY 1987 − REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77001 2−3 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C 54ACT11021 74ACT11021 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT IOH = − 50 A 4.5 V 4.4 4.4 4.4 IOH = − 50 mA 5.5 V 5.4 5.4 5.4 VOH IOH = − 24 mA 4.5 V 3.94 3.7 3.8 V VOH IOH = − 24 mA 5.5 V 4.94 4.7 4.8 V IOH = − 50 mA} 5.5 V 3.85 IOH = − 75 mA} 5.5 V 3.85 IOL = 50 A 4.5 V 0.1 0.1 0.1 IOL = 50 mA 5.5 V 0.1 0.1 0.1 VOL IOL = 24 mA 4.5 V 0.36 0.5 0.44 V VOL IOL = 24 mA 5.5 V 0.36 0.5 0.44 V IOL = 50 mA} 5.5 V 1.65 IOL = 75 mA} 5.5 V 1.65 II VI = VCC or GND 5.5 V ± 0.1 ± 1 ± 1 mA ICC VI = VCC or GND, IO = 0 5.5 V 4 80 40 mA ∆ICC§ One input at 3.4 V, Other inputs at GND or VCC 5.5 V 0.9 1 1 mA Ci VI = VCC or GND 5 V 3.5 pF ‡ Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms. § This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C 54ACT11021 74ACT11021 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT tPLH Any Y 1.5 6.7 8.8 1.5 10.4 1.5 9.8 ns tPHL Any Y 1.5 5.4 8.3 1.5 9.5 1.5 8.9 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate CL = 50 pF, f = 1 MHz 37 pF |
Similar Part No. - 54ACT11021 |
|
Similar Description - 54ACT11021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |