Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3131 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3131
Description  Field Effect Transistor Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3131 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3131 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3131 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3131 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3131 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3131 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3131 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3131
2004-07-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Gate−source breakdown voltage
V (BR) GSS
IG = ±100 µA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 500 V, VGS = 0 V
100
µA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.4
3.4
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 25 A
0.085
0.11
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 25 A
15
35
S
Input capacitance
Ciss
11000
Reverse transfer capacitance
Crss
2100
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
4200
pF
Rise time
tr
105
Turn−on time
ton
160
Fall time
tf
65
Switching time
Turn−off time
toff
245
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
280
Gate−source charge
Qgs
150
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 50 A
130
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
50
A
Pulse drain reverse current
(Note 1)
IDRP
200
A
Forward voltage (diode)
VDSF
VDR = 25 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
105
ns
Reverse recovery charge
Qrr
IDR = 50 A, VGS = 0 V
dIDR / dt = 100 A / µs
380
nC
Marking
2SK3131
TOSHIBA
JAPAN
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK3131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
712Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131 Datasheet
432Kb / 6P
   Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3131 ISC-2SK3131 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
   Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
   Field-Effect Transistor Silicon N-Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
   Field Effect Transistor Silicon N Channel MOS Type
SSM3K329R TOSHIBA-SSM3K329R Datasheet
222Kb / 7P
   Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N35FE TOSHIBA-SSM6N35FE Datasheet
193Kb / 5P
   Field-Effect Transistor Silicon N-Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com