Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3444 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3444
Description  Switching Regulator, DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3444 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3444 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3444
2004-07-06
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
40
0
0
10
20
30
50
2
4
8
6
10
VGS = 6.5 V
15
Common
source
Tc
= 25°C
Pulse test
10
9.5
9
8.5
8
7.5
7
80
0
0
20
40
60
100
48
16
12
20
VGS = 7 V
Common source
Tc
= 25°C
Pulse test
15
8
12
11
10
9
40
0
0
10
20
30
50
4
8
16
12
20
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
25
100
0
4
0
20
1
2
3
4
8
12
16
ID = 25 A
12
Common source
Tc
= 25°C
Pulse test
6
1
1
10
100
10
100
Tc
= −55°C
25
Common source
VDS = 10 V
Pulse test
100
10
1
10
100
100
1000
VGS = 10 V
15
Common source
Tc
= 25°C
Pulse test


Similar Part No. - 2SK3444

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3444 TOSHIBA-2SK3444 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
More results

Similar Description - 2SK3444

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com