Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11373DBRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT11373DBRG4
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11373DBRG4 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT11373DBRG4 Datasheet HTML 1Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 2Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 3Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 4Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 5Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 6Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 7Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 8Page - Texas Instruments 74ACT11373DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
74ACT11373
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS015B – JUNE 1987 – REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Eight Latches in a Single Package
D 3-State Bus Driving True Outputs
D Full Parallel Access for Loading
D Buffered Input and Output-Enable Pins
D Inputs Are TTL-Voltage Compatible
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Configurations
Minimize High-Speed Switching Noise
D EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages, and Standard
Plastic 300-mil DIPs (NT)
description
This 8-bit latch features 3-state outputs designed specifically for driving highly-capacitive or relatively
low-impedance loads. It is particularly suitable for implementing buffer registers, I/O ports, bidirectional bus
drivers, and working registers.
The eight latches of the 74ACT11373 are transparent D-type latches. While the latch-enable (LE) input is high,
the Q outputs follow the data (D) inputs. When the enable is taken low, the Q outputs are latched at the levels
that were set up at the D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high
or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive
the bus lines significantly. The high-impendance third state and increased drive provide the capability to drive
the bus lines in a bus-organized system without need for interface or pullup components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are off.
The 74ACT11373 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each latch)
INPUTS
OUTPUT
OE
LE
D
Q
L
H
H
H
L
HL
L
L
LX
Q0
H
X
X
Z
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
DB, DW, OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Q
2Q
3Q
4Q
GND
GND
GND
GND
5Q
6Q
7Q
8Q
OE
1D
2D
3D
4D
VCC
VCC
5D
6D
7D
8D
LE


Similar Part No. - 74ACT11373DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11373DBR TI-74ACT11373DBR Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - 74ACT11373DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN64BCT373 TI1-SN64BCT373 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
   Octal D-Type Transparent Latch with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com