Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4006G Datasheet(PDF) 2 Page - Jinan Jingheng (Group) Co.,Ltd

Part # LL4006G
Description  Surface Mount Glass Passivated Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINANJINGHENG [Jinan Jingheng (Group) Co.,Ltd]
Direct Link  http://www.jinghenggroup.com
Logo JINANJINGHENG - Jinan Jingheng (Group) Co.,Ltd

LL4006G Datasheet(HTML) 2 Page - Jinan Jingheng (Group) Co.,Ltd

  LL4006G Datasheet HTML 1Page - Jinan Jingheng (Group) Co.,Ltd LL4006G Datasheet HTML 2Page - Jinan Jingheng (Group) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES LL4001G THRU LL4007G
0.01
0.01
0.1
1.0
10
0.1
1
0
20
10
30
40
50
20
10
20
0
40
60
80
100
120
140
1
10
100
0.6
0.8
1.0
1.5
1.4
1.2
0
25
50
75
125
100
150
0
0.2
0.4
0.6
0.8
1.0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (VOLTS)
PERCENT OF RATED PEAK REVERSE VOLTAGE %
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE ( C)
°
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
1
0.1
1
10
100
10
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
T =25 C
J
°
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2
T =25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
J
°
μ
T =100 C
J
°
T =25 C
J
°


Similar Part No. - LL4006G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL4006G ETC-LL4006G Datasheet
52Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4006G TSC-LL4006G Datasheet
78Kb / 2P
   1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4006G SEMTECH_ELEC-LL4006G Datasheet
409Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
RFE international
LL4006G RFE-LL4006G Datasheet
123Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
logo
Shenzhen Luguang Electr...
LL4006G LUGUANG-LL4006G Datasheet
208Kb / 2P
   1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
More results

Similar Description - LL4006G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S3A SSE-S3A Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
S3A TAYCHIPST-S3A Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
S1G-TR VISHAY-S1G-TR Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
GF1GHE3-5CA VISHAY-GF1GHE3-5CA Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-13
S2JHE3-52T VISHAY-S2JHE3-52T Datasheet
79Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 22-Mar-12
S1MHE3 VISHAY-S1MHE3 Datasheet
81Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 25-Apr-14
SA2M-E35AT VISHAY-SA2M-E35AT Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 14-Aug-13
S5M-E3 VISHAY-S5M-E3 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 28-Apr-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com