Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP301LSN12T1G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP301LSN12T1G
Description  Voltage Detector Series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP301LSN12T1G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP301LSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 9Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 10Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 11Page - ON Semiconductor NCP301LSN12T1G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCP300, NCP301
http://onsemi.com
8
Table 1. ELECTRICAL CHARACTERISTIC TABLE FOR 0.9 − 4.9 V
Detector Threshold
Supply Current
Nch Sink Current
Pch Source
NCP300 Series
Detector Threshold
Detector Threshold
Hysteresis
Vin Low
Vin High
Vin Low
Vin High
Pch Source
Current
VDET− (V)
VHYS (V)
Iin (mA)
(Note 3)
Iin (mA)
(Note 4)
IOUT (mA)
(Note 5)
IOUT (mA)
(Note 6)
IOUT (mA)
(Note 7)
Part Number
Min
Typ
Max
Min
Typ
Max
Typ
Typ
Typ
Typ
Typ
NCP300LSN09T1
0.882
0.9
0.918
0.027
0.045
0.063
0.3
0.5
0.05
0.5
2.0
NCP300LSN10T1
0.980
1.0
1.020
0.030
0.050
0.070
NCP300LSN11T1
1.078
1.1
1.122
0.033
0.055
0.077
1.0
NCP300LSN12T1
1.176
1.2
1.224
0.036
0.060
0.084
NCP300LSN13T1
1.274
1.3
1.326
0.039
0.065
0.091
NCP300LSN14T1
1.372
1.4
1.428
0.042
0.070
0.098
NCP300LSN15T1
1.470
1.5
1.530
0.045
0.075
0.105
NCP300LSN16T1
1.568
1.6
1.632
0.048
0.080
0.112
2.0
NCP300LSN17T1
1.666
1.7
1.734
0.051
0.085
0.119
NCP300LSN18T1
1.764
1.8
1.836
0.054
0.090
0.126
NCP300LSN185T1
1.813
1.85
1.887
0.056
0.093
0.130
NCP300LSN19T1
1.862
1.9
1.938
0.057
0.095
0.133
NCP300LSN20T1
1.960
2.0
2.040
0.060
0.100
0.140
NCP300LSN21T1
2.058
2.1
2.142
0.063
0.105
0.147
NCP300LSN22T1
2.156
2.2
2.244
0.066
0.110
0.154
NCP300LSN23T1
2.254
2.3
2.346
0.069
0.115
0.161
NCP300LSN24T1
2.352
2.4
2.448
0.072
0.120
0.168
NCP300LSN25T1
2.450
2.5
2.550
0.075
0.125
0.175
NCP300LSN26T1
2.548
2.6
2.652
0.078
0.130
0.182
NCP300LSN27T1
2.646
2.7
2.754
0.081
0.135
0.189
NCP300LSN28T1
2.744
2.8
2.856
0.084
0.140
0.196
NCP300LSN29T1
2.842
2.9
2.958
0.087
0.145
0.203
NCP300LSN30T1
2.940
3.0
3.060
0.090
0.150
0.210
NCP300LSN31T1
3.038
3.1
3.162
0.093
0.155
0.217
NCP300LSN32T1
3.136
3.2
3.264
0.096
0.160
0.224
NCP300LSN33T1
3.234
3.3
3.366
0.099
0.165
0.231
NCP300LSN34T1
3.332
3.4
3.468
0.102
0.170
0.238
NCP300LSN35T1
3.430
3.5
3.570
0.105
0.175
0.245
NCP300LSN36T1
3.528
3.6
3.672
0.108
0.180
0.252
NCP300LSN37T1
3.626
3.7
3.774
0.111
0.185
0.259
NCP300LSN38T1
3.724
3.8
3.876
0.114
0.190
0.266
NCP300LSN39T1
3.822
3.9
3.978
0.117
0.195
0.273
NCP300LSN40T1
3.920
4.0
4.080
0.120
0.200
0.280
0.4
0.6
3.0
NCP300LSN41T1
4.018
4.1
4.182
0.123
0.205
0.287
NCP300LSN42T1
4.116
4.2
4.284
0.126
0.210
0.294
NCP300LSN43T1
4.214
4.3
4.386
0.129
0.215
0.301
NCP300LSN44T1
4.312
4.4
4.488
0.132
0.220
0.308
NCP300LSN45T1
4.410
4.5
4.590
0.135
0.225
0.315
NCP300LSN46T1
4.508
4.6
4.692
0.138
0.230
0.322
NCP300LSN47T1
4.606
4.7
4.794
0.141
0.235
0.329
NCP300LSN48T1
4.704
4.8
4.896
0.144
0.240
0.336
NCP300LSN49T1
4.802
4.9
4.998
0.147
0.245
0.343
3. Condition 1: 0.9 − 2.9 V, Vin = VDET− − 0.10 V; 3.0 − 3.9 V, Vin = VDET− − 0.13 V; 4.0 − 4.9 V, Vin = VDET− − 0.16 V
4. Condition 2: 0.9 − 4.9 V, Vin = VDET− + 2.0 V
5. Condition 3: 0.9 − 4.9 V, Vin = 0.7 V, VOUT = 0.05 V, Active Low ‘L’ Suffix Devices
6. Condition 4: 0.9 − 1.0 V, Vin = 0.85 V, VOUT = 0.5 V; 1.1 − 1.5 V, Vin = 1.0 V, VOUT = 0.5 V; 1.6 − 4.9 V, Vin = 1.5 V, VOUT = 0.5 V,
Condition 4: Active Low ‘L’ Suffix Devices
7. Condition 5: 0.9 − 3.9 V, Vin = 4.5 V, VOUT = 2.4 V; 4.0 − 4.9 V, Vin = 8.0 V, VOUT = 5.9 V, Active Low ‘L’ Suffix Devices


Similar Part No. - NCP301LSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP301LSN12T1G ONSEMI-NCP301LSN12T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP301LSN12T1G ONSEMI-NCP301LSN12T1G Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCP301LSN12T1G ONSEMI-NCP301LSN12T1G Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results

Similar Description - NCP301LSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com