Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6TQ045S Datasheet(PDF) 6 Page - International Rectifier

Part # 6TQ045S
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

6TQ045S Datasheet(HTML) 6 Page - International Rectifier

  6TQ045S Datasheet HTML 1Page - International Rectifier 6TQ045S Datasheet HTML 2Page - International Rectifier 6TQ045S Datasheet HTML 3Page - International Rectifier 6TQ045S Datasheet HTML 4Page - International Rectifier 6TQ045S Datasheet HTML 5Page - International Rectifier 6TQ045S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6TQ... Series
6
Bulletin PD-20283 rev. A 05/02
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 05/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
Device Code
1
5
24
3
1
-
Essential Part Number
2
-
T = TO-220
3
-
Q = Schottky Q Series
4
-
Voltage Rating
5
-S = D2Pak
6
T
Q
045
S
035 = 35V
040 = 40V
045 = 45V


Similar Part No. - 6TQ045S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ045STRL VISHAY-6TQ045STRL Datasheet
124Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ045STRLPBF VISHAY-6TQ045STRLPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
More results

Similar Description - 6TQ045S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com