Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETS08 Datasheet(PDF) 3 Page - International Rectifier

Part # 10ETS08
Description  INPUT RECTIFIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETS08 Datasheet(HTML) 3 Page - International Rectifier

  10ETS08 Datasheet HTML 1Page - International Rectifier 10ETS08 Datasheet HTML 2Page - International Rectifier 10ETS08 Datasheet HTML 3Page - International Rectifier 10ETS08 Datasheet HTML 4Page - International Rectifier 10ETS08 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
10ETS..
SAFEIR Series
Bulletin I2120 rev. A 07/97
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
80
90
100
110
120
130
140
150
02
46
8
10
12
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
10ETS.. Se ries
R
(DC) = 2.5 °C/W
thJC
90
100
110
120
130
140
150
0
2
4
6
8
10
12
14
16
18
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
10ETS.. Series
R
(DC) = 2.5 °C/W
thJC
0
2
4
6
8
10
12
14
16
0
2
468
10
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
10ET S.. Series
T = 150°C
J
40
60
80
100
120
140
160
180
200
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
10ETS.. Series
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
40
60
80
100
120
140
160
180
200
220
240
0.01
0.1
1
Pulse Train Duration (s)
10ETS.. Serie s
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
Initial T = 150 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
10ETS.. Series
T = 150°C
J


Similar Part No. - 10ETS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS08 IRF-10ETS08 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
10ETS08 VISHAY-10ETS08 Datasheet
186Kb / 7P
   Input Rectifier Diode, 10 A
Revision: 22-Jul-10
logo
Inchange Semiconductor ...
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
10ETS08FP IRF-10ETS08FP Datasheet
91Kb / 6P
   INPUT RECTIFIER DIODE TO-220 FULLPAK
logo
Vishay Siliconix
10ETS08FP VISHAY-10ETS08FP Datasheet
136Kb / 7P
   Input Rectifier Diode TO-220 FULL-PAK, 10 A
Revision: 23-Apr-08
More results

Similar Description - 10ETS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com