Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ACT11827 Datasheet(PDF) 2 Page - Texas Instruments

Part # 54ACT11827
Description  10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT11827 Datasheet(HTML) 2 Page - Texas Instruments

  54ACT11827 Datasheet HTML 1Page - Texas Instruments 54ACT11827 Datasheet HTML 2Page - Texas Instruments 54ACT11827 Datasheet HTML 3Page - Texas Instruments 54ACT11827 Datasheet HTML 4Page - Texas Instruments 54ACT11827 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
54ACT11827, 74ACT11827
10BIT BUFFERS/BUS DRIVERS
WITH 3STATE OUTPUTS
SCAS078 − NOVEMBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−2
logic symbol
logic diagram (positive logic)
G2
G1
&
EN
28
27
A1
26
A2
25
A3
24
A4
Y1
1
Y2
2
Y3
3
Y4
4
15
23
A5
20
A6
19
A7
18
A8
Y5
5
Y6
10
Y7
11
Y8
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
17
A9
16
A10
Y9
13
Y10
14
G
1
G
2
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
10
11
12
13
14
Y1
28
15
27
26
25
24
23
20
19
18
17
16
5
4
3
2
1
Y2
Y3
Y4
Y5
Y6
Y7
Y8
Y9
Y10
Pin numbers shown are for the DW, JT, and NT packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
± 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
± 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
± 250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
} Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 54ACT11827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 54ACT11827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI1-SN74ALS29827_15 Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI-SN54ABT827 Datasheet
399Kb / 16P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com