Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4068BF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD4068BF
Description  CMOS 8-Input NAND/AND Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4068BF Datasheet(HTML) 4 Page - Texas Instruments

  CD4068BF Datasheet HTML 1Page - Texas Instruments CD4068BF Datasheet HTML 2Page - Texas Instruments CD4068BF Datasheet HTML 3Page - Texas Instruments CD4068BF Datasheet HTML 4Page - Texas Instruments CD4068BF Datasheet HTML 5Page - Texas Instruments CD4068BF Datasheet HTML 6Page - Texas Instruments CD4068BF Datasheet HTML 7Page - Texas Instruments CD4068BF Datasheet HTML 8Page - Texas Instruments CD4068BF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Aug-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4068BE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4068BE
CD4068BEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
-55 to 125
CD4068BE
CD4068BF
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4068BF
CD4068BF3A
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
CD4068BF3A
CD4068BM
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4068BM
CD4068BM96
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4068BM
CD4068BNSR
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4068B
CD4068BNSRE4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4068B
CD4068BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM068B
CD4068BPWR
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM068B
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)


Similar Part No. - CD4068BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4068BF TI-CD4068BF Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
CD4068BF3A TI-CD4068BF3A Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
More results

Similar Description - CD4068BF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4068BMS INTERSIL-CD4068BMS Datasheet
65Kb / 8P
   CMOS 8 Input NAND/AND Gate
December 1992
logo
Texas Instruments
CD4068B TI-CD4068B Datasheet
182Kb / 10P
[Old version datasheet]   CMOS 8-INPUT NAND AND GATE
logo
STMicroelectronics
HCF4068B STMICROELECTRONICS-HCF4068B_01 Datasheet
159Kb / 8P
   8 INPUT NAND/AND GATE
HCC4068B STMICROELECTRONICS-HCC4068B Datasheet
264Kb / 10P
   8-INPUT NAND/AND GATE
logo
Motorola, Inc
MC74HC30 MOTOROLA-MC74HC30 Datasheet
146Kb / 5P
   8-Input NAND Gate High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com