Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4073B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4073B
Description  CMOS AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4073B Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4073B Datasheet HTML 7Page - Texas Instruments CD4073B Datasheet HTML 8Page - Texas Instruments CD4073B Datasheet HTML 9Page - Texas Instruments CD4073B Datasheet HTML 10Page - Texas Instruments CD4073B Datasheet HTML 11Page - Texas Instruments CD4073B Datasheet HTML 12Page - Texas Instruments CD4073B Datasheet HTML 13Page - Texas Instruments CD4073B Datasheet HTML 14Page - Texas Instruments CD4073B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4073B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4073B TI-CD4073B Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
logo
Silicon Supplies
CD4073B SS-CD4073B Datasheet
521Kb / 5P
   CMOS High Voltage Logic
logo
Texas Instruments
CD4073BE TI-CD4073BE Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
CD4073BE TI1-CD4073BE Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
More results

Similar Description - CD4073B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
[Old version datasheet]   CMOS AND GATES
CD4081BME4 TI1-CD4081BME4 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS AND Gates
CD4081BF TI-CD4081BF Datasheet
530Kb / 12P
[Old version datasheet]   CMOS AND GATES
logo
Micro Electronics
MMC4081 MICRO-ELECTRONICS-MMC4081 Datasheet
125Kb / 4P
   CMOS AND GATES
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
[Old version datasheet]   CMOS NOR Gates
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS NAND GATES
logo
R & E International, In...
4071B RANDE-4071B Datasheet
344Kb / 2P
   CMOS OR GATES
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com