Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16RIA100 Datasheet(PDF) 9 Page - International Rectifier

Part # 16RIA100
Description  MEDIUM POWER THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16RIA100 Datasheet(HTML) 9 Page - International Rectifier

  16RIA100 Datasheet HTML 1Page - International Rectifier 16RIA100 Datasheet HTML 2Page - International Rectifier 16RIA100 Datasheet HTML 3Page - International Rectifier 16RIA100 Datasheet HTML 4Page - International Rectifier 16RIA100 Datasheet HTML 5Page - International Rectifier 16RIA100 Datasheet HTML 6Page - International Rectifier 16RIA100 Datasheet HTML 7Page - International Rectifier 16RIA100 Datasheet HTML 8Page - International Rectifier 16RIA100 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
16RIA Series
Bulletin I2404 rev. A 07/00
9
www.irf.com
Fig. 15 - Thermal Impedance Z
thJC Characteristics
Fig. 16 - Gate Characteristics
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady State Value
R
= 1.15 K/W
(DC Operation)
thJC
16RIA Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Rectangular gate pulse
tr<=1 µs, tp >= 6 µs
rated di/dt : 10V, 20ohms
<=30% rated di/dt : 10V, 65ohms
(1) PGM = 16W, tp = 4ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
(4) PGM = 60W, tp = 1ms
tr <=0.5 µs, tp >= 6 µs
(3)
(4)
16RIA Series Frequency Limited by PG(AV)
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 U.S.A. Tel: (310) 322 3331. Fax: (310) 322 3332.
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, U.K. Tel: ++ 44 1883 732020. Fax: ++ 44 1883 733408.
IR CANADA: 15 Lincoln Court, Brampton, Markham, Ontario L6T3Z2. Tel: (905) 453 2200. Fax: (905) 475 8801.
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg. Tel: ++ 49 6172 96590. Fax: ++ 49 6172 965933.
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino. Tel: ++ 39 11 4510111. Fax: ++ 39 11 4510220.
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo, Japan 171. Tel: 81 3 3983 0086.
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower,13-11, Singapore 237994. Tel: ++ 65 838 4630.
IR TAIWAN: 16 Fl. Suite D.207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan. Tel: 886 2 2377 9936.
http://www.irf.com
Fax-On-Demand: +44 1883 733420
Data and specifications subject to change without notice.


Similar Part No. - 16RIA100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16RIA100 VISHAY-16RIA100 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
16RIA100M VISHAY-16RIA100M Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
16RIA100MS90 VISHAY-16RIA100MS90 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
16RIA100S90 VISHAY-16RIA100S90 Datasheet
151Kb / 8P
   Medium Power Thyristors (Stud Version), 16 A
Revision: 19-Sep-08
More results

Similar Description - 16RIA100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com