Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066BNSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4066BNSR
Description  CMOS QUAD BILATERAL SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4066BNSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4066BNSR Datasheet HTML 7Page - Texas Instruments CD4066BNSR Datasheet HTML 8Page - Texas Instruments CD4066BNSR Datasheet HTML 9Page - Texas Instruments CD4066BNSR Datasheet HTML 10Page - Texas Instruments CD4066BNSR Datasheet HTML 11Page - Texas Instruments CD4066BNSR Datasheet HTML 12Page - Texas Instruments CD4066BNSR Datasheet HTML 13Page - Texas Instruments CD4066BNSR Datasheet HTML 14Page - Texas Instruments CD4066BNSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
CD4066B
CMOS QUAD BILATERAL SWITCH
SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
SWA
SWB
SWC
SWD
92CS-30927
Analog Inputs (
±5 V)
VDD = 5 V
VDD = 5 V
5 V
−5 V
5 V
CD4066B
Analog Outputs (
±5 V)
VSS = −5 V
CD4054B
VSS = 0 V
VEE = −5 V
IN
0
Digital
Control
Inputs
0
Figure 18. Bidirectional Signal Transmission Via Digital Control Logic


Similar Part No. - CD4066BNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066BNSR TI-CD4066BNSR Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BNSR TI-CD4066BNSR Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BNSR TI-CD4066BNSR Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BNSR TI1-CD4066BNSR Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BNSR TI1-CD4066BNSR Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
More results

Similar Description - CD4066BNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B-Q1 TI-CD4066B-Q1_15 Datasheet
290Kb / 16P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com