Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4021BPWG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # CD4021BPWG4
Description  CMOS 8-stage Static Shift Registers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4021BPWG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4021BPWG4 Datasheet HTML 7Page - Texas Instruments CD4021BPWG4 Datasheet HTML 8Page - Texas Instruments CD4021BPWG4 Datasheet HTML 9Page - Texas Instruments CD4021BPWG4 Datasheet HTML 10Page - Texas Instruments CD4021BPWG4 Datasheet HTML 11Page - Texas Instruments CD4021BPWG4 Datasheet HTML 12Page - Texas Instruments CD4021BPWG4 Datasheet HTML 13Page - Texas Instruments CD4021BPWG4 Datasheet HTML 14Page - Texas Instruments CD4021BPWG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4021BPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4021BPWG4 TI-CD4021BPWG4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
More results

Similar Description - CD4021BPWG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
[Old version datasheet]   CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
   CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Renesas Technology Corp
CD4014BMS RENESAS-CD4014BMS Datasheet
372Kb / 9P
   CMOS 8-Stage Static Shift Registers
December 1992
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
   8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021BEE4 TI-CD4021BEE4 Datasheet
1Mb / 29P
[Old version datasheet]   CMOS 8-Stage Statice Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com