Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4077BMT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD4077BMT
Description  CMOS Quad Exclusive-OR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4077BMT Datasheet(HTML) 4 Page - Texas Instruments

  CD4077BMT Datasheet HTML 1Page - Texas Instruments CD4077BMT Datasheet HTML 2Page - Texas Instruments CD4077BMT Datasheet HTML 3Page - Texas Instruments CD4077BMT Datasheet HTML 4Page - Texas Instruments CD4077BMT Datasheet HTML 5Page - Texas Instruments CD4077BMT Datasheet HTML 6Page - Texas Instruments CD4077BMT Datasheet HTML 7Page - Texas Instruments CD4077BMT Datasheet HTML 8Page - Texas Instruments CD4077BMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range (VDD) . . . . . . . . . . . . . . . . . -0.5V to 20V
Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5V to VDD 0.5V
DC Input Current
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .± 10mA
Operating Conditions
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . . . . . 3V to 18V
Package Thermal Impedance,
θJA (see Note 1):
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80oC/W
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86oC/W
NS (SOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76oC/W
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . 113oC/W
Maximum Junction Temperature (Hermetic Package or Die) . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (oC)
UNITS
-55
-40
85
125
25
VO
(V)
VIN
(V)
VDD
(V)
MIN
TYP
MAX
Quiescent Device Current
IDD Max
-
0, 5
5
0.25
0.25
7.5
7.5
-
0.01
0.25
µA
-
0, 10
10
0.5
0.5
15
15
-
0.01
0.5
µA
-
0, 15
15
1
1
30
30
-
0.01
1
µA
-
0, 20
20
5
5
150
150
-
0.02
5
µA
Output Low (Sink) Current
IOL Min
0.4
0, 5
5
0.64
0.61
0.42
0.36
0.51
1
-
mA
0.5
0, 10
10
1.6
1.5
1.1
0.9
1.3
2.6
-
mA
1.5
0, 15
15
4.2
4
2.8
2.4
3.4
6.8
-
mA
Output High (Source) Current
IOH Min
4.6
0, 5
5
-0.64
-0.61
-0.42
-0.36
-0.51
-1
-
mA
2.5
0, 5
5
-2
-1.8
-1.3
-1.15
-1.6
-3.2
-
mA
9.5
0, 10
10
-1.6
-1.5
-1.1
-0.9
-1.3
-2.6
-
mA
13.5
0, 15
15
-4.2
-4
-2.8
-2.4
-3.4
-6.8
-
mA
Output Voltage: Low Level,
VOL Max
-
0, 5
5
0.05
0.05
0.05
0.05
-
0
0.05
V
-
0, 10
10
0.05
0.05
0.05
0.05
-
0
0.05
V
-
0, 15
15
0.05
0.05
0.05
0.05
-
0
0.05
V
Output Voltage: High Level,
VOH Min
-
0, 5
5
4.95
4.95
4.95
4.95
4.95
5
-
V
-
0, 10
10
9.95
9.95
9.95
9.95
9.95
10
-
V
-
0, 15
15
14.95
14.95
14.95
14.95
14.95
15
-
V
Input Low Voltage,
VIL Max
0.5, 4.5
-
5
1.5
1.5
1.5
1.5
-
-
1.5
V
1, 9
-
10
3333
-
-
3
V
1.5, 13.5
-
15
4444
-
-
4
V
Input High Voltage,
VIH Min
0.5, 4.5
-
5
3.5
3.5
3.5
3.5
3.5
-
-
V
1, 9
-
10
7777
7
-
-
V
1.5, 13.5
-
15
11
11
11
11
11
-
-
V
Input Current, IIN Max
-
0, 18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
µA
CD4070B, CD4077B


Similar Part No. - CD4077BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4077BMT TI1-CD4077BMT Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BMT TI-CD4077BMT Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BMTE4 TI-CD4077BMTE4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BMTG4 TI-CD4077BMTG4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results

Similar Description - CD4077BMT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Quad Exclusive - OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
[Old version datasheet]   CMOS QUAD EXCLUSIVE-OR GATE
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com