Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4077BM96 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4077BM96
Description  CMOS Quad Exclusive-OR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4077BM96 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4077BM96 Datasheet HTML 2Page - Texas Instruments CD4077BM96 Datasheet HTML 3Page - Texas Instruments CD4077BM96 Datasheet HTML 4Page - Texas Instruments CD4077BM96 Datasheet HTML 5Page - Texas Instruments CD4077BM96 Datasheet HTML 6Page - Texas Instruments CD4077BM96 Datasheet HTML 7Page - Texas Instruments CD4077BM96 Datasheet HTML 8Page - Texas Instruments CD4077BM96 Datasheet HTML 9Page - Texas Instruments CD4077BM96 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
FIGURE 7. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 8. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
FIGURE 9. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 10. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF INPUT FREQUENCY
Typical Performance Curves (Continued)
TA = 25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
200
150
100
50
0
020
40
60
CL, LOAD CAPACITANCE (pF)
80
100
110
TA = 25
oC
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
300
200
100
0
020
40
60
CL, LOAD CAPACITANCE (pF)
80
100
TA = 25
oC
300
200
100
0
0
5
10
15
VDD, SUPPLY VOLTAGE (V)
20
LOAD CAPACITANCE CL = 50pF
TA = 25
oC
SUPPL
Y V
OL
TA
GE
(V
DD
) =
15V
5V
103
102
10
1
10-1
10-1
110
102
fI, INPUT FREQUENCY (kHz)
103
104
104
105
10V
CL = 50pF
CL = 15pF
10V


Similar Part No. - CD4077BM96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4077BM96 TI1-CD4077BM96 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BM96 TI-CD4077BM96 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BM96E4 TI-CD4077BM96E4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BM96G4 TI-CD4077BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results

Similar Description - CD4077BM96

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Quad Exclusive - OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
UCD4070B UTC-UCD4070B_15 Datasheet
224Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
logo
Texas Instruments
CD4030B TI-CD4030B Datasheet
497Kb / 11P
[Old version datasheet]   CMOS QUAD EXCLUSIVE-OR GATE
logo
Renesas Technology Corp
CD4030BMS RENESAS-CD4030BMS Datasheet
304Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com