Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT162501CTPACT Datasheet(PDF) 2 Page - Texas Instruments

Part # 74FCT162501CTPACT
Description  18-Bit Registered Transceivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT162501CTPACT Datasheet(HTML) 2 Page - Texas Instruments

  74FCT162501CTPACT Datasheet HTML 1Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 2Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 3Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 4Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 5Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 6Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 7Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 8Page - Texas Instruments 74FCT162501CTPACT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
2
Maximum Ratings[6, 7]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature
.................................... −55°C to +125°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
DC Input Voltage
................................................. −0.5V to +7.0V
DC Output Voltage
.............................................. −0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
........................... −60 to +120 mA
Power Dissipation.......................................................... 1.0W
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Notes:
1.
On the 74FCT162H501T these pins have bus hold.
2.
A-to-B data flow is shown. B-to-A data flow is similar but uses OEBA, LEBA, and CLKBA.
3.
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High-impedance
= LOW-to-HIGH Transition
4.
Output level before the indicated steady-state input conditions were established.
5.
Output level before the indicated steady-state input conditions were established, provided that CLKAB was HIGH before LEAB went LOW.
6.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature range.
7.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
Pin Description
Name
Description
OEAB
A-to-B Output Enable Input
OEBA
B-to-A Output Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input
LEBA
B-to-A Latch Enable Input
CLKAB
A-to-B Clock Input
CLKBA
B-to-A Clock Input
A
A-to-B Data Inputs or B-to-A Three-State
Outputs[1]
B
B-to-A Data Inputs or A-to-B Three-State
Outputs[1]
Function Table[2, 3]
Inputs
Outputs
OEAB
LEAB
CLKAB
A
B
L
X
X
X
Z
H
H
X
L
L
H
H
X
H
H
H
L
L
L
H
L
H
H
H
L
L
X
B[4]
H
L
H
X
B[5]
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%


Similar Part No. - 74FCT162501CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74FCT162501CTPACT TI-74FCT162501CTPACT Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
More results

Similar Description - 74FCT162501CTPACT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16500T TI-CY74FCT16500T Datasheet
63Kb / 6P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_V01 Datasheet
478Kb / 10P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16500T TI-CY74FCT16500T_08 Datasheet
301Kb / 12P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT163501 TI-CY74FCT163501 Datasheet
67Kb / 9P
[Old version datasheet]   18-Bit Registered Transceivers
CY74FCT16501T TI-CY74FCT16501T Datasheet
66Kb / 8P
[Old version datasheet]   18-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Texas Instruments
74ACT16475 TI1-74ACT16475 Datasheet
152Kb / 8P
[Old version datasheet]   18-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com