Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABTH16460 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54ABTH16460
Description  4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ABTH16460 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54ABTH16460 Datasheet HTML 2Page - Texas Instruments SN54ABTH16460 Datasheet HTML 3Page - Texas Instruments SN54ABTH16460 Datasheet HTML 4Page - Texas Instruments SN54ABTH16460 Datasheet HTML 5Page - Texas Instruments SN54ABTH16460 Datasheet HTML 6Page - Texas Instruments SN54ABTH16460 Datasheet HTML 7Page - Texas Instruments SN54ABTH16460 Datasheet HTML 8Page - Texas Instruments SN54ABTH16460 Datasheet HTML 9Page - Texas Instruments SN54ABTH16460 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN54ABTH16460, SN74ABTH16460
4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS207F – OCTOBER 1992 – REVISED MAY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABTH16460
SN74ABTH16460
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
160
160
160
MHz
tPLH
B
A
2.5
3.6
5.9
2.5
7.1
2.5
6.5
ns
tPHL
B
A
2
3.5
5.8
2
6.8
2
6.5
ns
tPZH
OEA
A
1.5
2.8
4.8
1.5
5.9
1.5
5.6
ns
tPZL
OEA
A
1.5
2.6
4.6
1.5
5.5
1.5
5.2
ns
tPHZ
OEA
A
2.5
3.8
5.3
2.5
6
2.5
5.9
ns
tPLZ
OEA
A
1.5
4.6
6.1
1.5
7
1.5
6.5
ns
tPLH
A
B
2
3.2
5.2
2
6.2
2
5.7
ns
tPHL
A
B
1.5
3.1
5.2
1.5
6.1
1.5
5.7
ns
tPZH
OEB
B
1.5
3.3
5.7
1.5
6.7
1.5
6.4
ns
tPZL
OEB
B
1.5
3.2
5.5
1.5
6.6
1.5
6.3
ns
tPHZ
OEB
B
3
4.7
6.3
3
7.1
3
7
ns
tPLZ
OEB
B
2
4
5.5
2
6.6
2
6.1
ns
tPZH
OEB1 2 3 4
B
1.5
3
5.2
1.5
6
1.5
5.8
ns
tPZL
OEB1, 2, 3, 4
B
1.5
2.9
4.9
1.5
5.9
1.5
5.6
ns
tPHZ
OEB1 2 3 4
B
2.5
4
5.7
2.5
6.2
2.5
6.1
ns
tPLZ
OEB1, 2, 3, 4
B
1.5
3.5
4.8
1.5
5.8
1.5
5.3
ns
tPLH
CLKBA
A
1.5
4.2
6.7
1.5
8.1
1.5
7.4
ns
tPHL
CLKBA
A
1.5
4.4
6.9
1.5
8.4
1.5
7.7
ns
tPLH
CLKAB
B
2
3.4
5.6
2
6.8
2
6.2
ns
tPHL
CLKAB
B
2
3.4
5.3
2
6.3
2
5.9
ns
tPLH
LEBA
A
2
3
5
2
6.1
2
5.6
ns
tPHL
LEBA
A
2
3.1
4.8
2
5.8
2
5.3
ns
tPLH
LEAB1234
B
2
3.2
5.2
2
6.3
2
5.8
ns
tPHL
LEAB1, 2, 3, 4
B
2
3.3
5
2
6.1
2
5.6
ns
tPLH
LEBA1234
A
2.5
4
6.5
2.5
7.8
2.5
7.2
ns
tPHL
LEBA1, 2, 3, 4
A
2.5
4
6.1
2.5
7.5
2.5
6.8
ns
tPLH
SEL
A
2
4.1
6.7
2
8.1
2
7.5
ns
tPHL
SEL
A
2
3.8
6.2
2
7.3
2
6.9
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABTH16460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH16460 TI-SN54ABTH16460 Datasheet
173Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16460WD TI-SN54ABTH16460WD Datasheet
173Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABTH16460

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH16460 TI-SN54ABTH16460 Datasheet
173Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH162460 TI-SN54ABTH162460 Datasheet
176Kb / 10P
[Old version datasheet]   4-TO-1 MULTIPLEXED/DEMULTIPLEXED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC646 HITACHI-HD74HC646 Datasheet
61Kb / 10P
   Octal Bus Transceivers/Registers with Multiplexed 3-state outputs
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74HC242 HITACHI-HD74HC242 Datasheet
60Kb / 10P
   Quad. Bus Transceivers (with 3-state outputs),Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC242 RENESAS-HD74HC242 Datasheet
180Kb / 10P
   Quad. Bus Transceivers (with 3-state outputs) Quad. Bus Transceivers (with noninverted 3-state outputs)
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com