Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM5K2E02ABD4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM5K2E02ABD4
Description  AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5K2E02ABD4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM5K2E02ABD4 Datasheet HTML 7Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 8Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 9Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 10Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 11Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 12Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 13Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 14Page - Texas Instruments AM5K2E02ABD4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 252 page
background image
AM5 K2
ABD
PREFIX
X = Experimental device
Blank = Qualified device
DEVICE FAMILY
AM5 = ARM SoC
( _ )
E
ARCHITECTURE
K2 = KeyStone II
04
Blank = Initial 1.0 silicon
SILICON REVISION
DEVICE NUMBER
04
( _ )
( _ ) ( _ )
( _ )
PLATFORM
E
PACKAGE TYPE
ABD = 1089-pin plastic ball grid array,
with Pb-free solder balls and die bumps
MAXIMUM DEVICE SPEED
25 = 1.25 GHz
TEMPERATURE RANGE
A = Extended temperature range (-40°C to +100°C)
Blank =
0°C to +85°C)
Commercial temperature range (
4 = 1.4 GHz
SECURITY
Blank = Security Accelerator disabled / General Purpose device
X = Security Accelerator enabled / General Purpose device
D = Security Accelerator enabled / High Security device
with TI developmental keys
S = Security Accelerator enabled / High Security device
with production keys
AM5 K2
ABD
PREFIX
X = Experimental device
Blank = Qualified device
DEVICE FAMILY
AM5 = ARM SoC
( _ )
E
ARCHITECTURE
K2 = KeyStone II
02
Blank = Initial 1.0 silicon
SILICON REVISION
DEVICE NUMBER
02
( _ )
( _ ) ( _ )
( _ )
PLATFORM
E
PACKAGE TYPE
ABD = 1089-pin plastic ball grid array,
with Pb-free solder balls and die bumps
MAXIMUM DEVICE SPEED
25 = 1.25 GHz
TEMPERATURE RANGE
A = Extended temperature range (-40°C to +100°C)
Blank =
0°C to +85°C)
Commercial temperature range (
4 = 1.4 GHz
SECURITY
Blank = Security Accelerator disabled / General Purpose device
X = Security Accelerator enabled / General Purpose device
D = Security Accelerator enabled / High Security device
with TI developmental keys
S = Security Accelerator enabled / High Security device
with production keys
AM5K2E04, AM5K2E02
www.ti.com
SPRS864D – NOVEMBER 2012 – REVISED MARCH 2015
3.3.2
Part Number Legend
The following figures provide a legend for reading the complete device name for a KeyStone II device.
Figure 3-1. Device Nomenclature for AM5K2E02
Figure 3-2. Device Nomenclature for AM5K2E04
Copyright © 2012–2015, Texas Instruments Incorporated
Device Characteristics
11
Submit Documentation Feedback
Product Folder Links: AM5K2E04 AM5K2E02


Similar Part No. - AM5K2E02ABD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5K2E02 TI-AM5K2E02 Datasheet
520Kb / 4P
[Old version datasheet]   Applications of the K2H and K2E platforms in high-end imaging
More results

Similar Description - AM5K2E02ABD4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5K2E04 TI-AM5K2E04_15 Datasheet
1Mb / 252P
[Old version datasheet]   AM5K2E0x Multicore ARM KeyStone II System-on-Chip (SoC)
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_17 Datasheet
8Mb / 355P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com