Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16540 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74ACT16540
Description  16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16540 Datasheet(HTML) 1 Page - Texas Instruments

  74ACT16540 Datasheet HTML 1Page - Texas Instruments 74ACT16540 Datasheet HTML 2Page - Texas Instruments 74ACT16540 Datasheet HTML 3Page - Texas Instruments 74ACT16540 Datasheet HTML 4Page - Texas Instruments 74ACT16540 Datasheet HTML 5Page - Texas Instruments 74ACT16540 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
54ACT16540, 74ACT16540
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS186A − OCTOBER 1991 − REVISED APRIL 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D Inputs Are TTL-Voltage Compatible
D Provide Extra Data Width Necessary for
Wider Address/Data Paths
D Provide Inverted Data
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
D Flow-Through Architecture Optimizes PCB
Layout
D Distributed V
CC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D EPIC™ (Enhanced-Performance Implanted
CMOS) 1-
μm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Shrink
Small-Outline 300-mil (DL) Package Using
25-mil Center-to-Center Pin Spacings and
380-mil Fine-Pitch Ceramic Flat (WD)
Packages Using 25-mil Center-to-Center
Pin Spacings
description
These 16-bit buffers/bus drivers provide a
high-performance bus interface for wide data
paths.
The 3-state control gate is a 2-input AND gate with
active-low inputs so that if either output-enable
(OE1 or OE2) input is high, all corresponding
outputs are in the high-impedance state.
The 74ACT16540 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54ACT16540 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
74ACT16540 is characterized for operation from −40
°C to 85°C.
FUNCTION TABLE
(each 8-bit section)
INPUTS
OUTPUT
OE1
OE2
A
OUTPUT
Y
L
L
L
H
L
LH
L
H
XX
Z
X
H
X
Z
Copyright
© 1996, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE1
1Y1
1Y2
GND
1Y3
1Y4
VCC
1Y5
1Y6
GND
1Y7
1Y8
2Y1
2Y2
GND
2Y3
2Y4
VCC
2Y5
2Y6
GND
2Y7
2Y8
2OE1
1OE2
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
GND
1A7
1A8
2A1
2A2
GND
2A3
2A4
VCC
2A5
2A6
GND
2A7
2A8
2OE2
54ACT16540 . . . WD PACKAGE
74ACT16540 . . . DL PACKAGE
(TOP VIEW)


Similar Part No. - 74ACT16540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540DL FAIRCHILD-74ACT16540DL Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540MTD FAIRCHILD-74ACT16540MTD Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540SSC FAIRCHILD-74ACT16540SSC Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACT16540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com