Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT16540DL Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ACT16540DL
Description  16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT16540DL Datasheet(HTML) 2 Page - Texas Instruments

  74ACT16540DL Datasheet HTML 1Page - Texas Instruments 74ACT16540DL Datasheet HTML 2Page - Texas Instruments 74ACT16540DL Datasheet HTML 3Page - Texas Instruments 74ACT16540DL Datasheet HTML 4Page - Texas Instruments 74ACT16540DL Datasheet HTML 5Page - Texas Instruments 74ACT16540DL Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
54ACT16540, 74ACT16540
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCAS186A − OCTOBER 1991 − REVISED APRIL 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
logic diagram (positive logic)
1
48
25
24
1OE1
1OE2
2OE1
2OE2
1A1
47
2
1Y1
36
13
2Y1
2A1
To Seven Other Channels
To Seven Other Channels
47
1A1
1
1Y1
2
48
46
1A2
1Y2
3
24
25
44
1A3
1Y3
5
43
1A4
1Y4
6
41
1A5
1Y5
8
40
1A6
1Y6
9
38
1A7
1Y7
11
37
1A8
1Y8
12
&
&
EN2
EN1
11
36
2A1
2Y1
13
35
2A2
2Y2
14
33
2A3
2Y3
16
32
2A4
2Y4
17
30
2A5
2Y5
19
29
2A6
2Y6
20
27
2A7
2Y7
22
26
2A8
2Y8
23
12
1OE1
1OE2
2OE1
2OE2
This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±400 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power package dissipation at TA = 55°C (in still air) (see Note 2): DL package
1.2 W
. . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.


Similar Part No. - 74ACT16540DL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT16540DL FAIRCHILD-74ACT16540DL Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACT16540DL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ16240 FAIRCHILD-74ACTQ16240 Datasheet
71Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240_05 Datasheet
83Kb / 6P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACTQ16540 FAIRCHILD-74ACTQ16540 Datasheet
85Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16240 FAIRCHILD-74ACT16240 Datasheet
81Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
74ACT16540 FAIRCHILD-74ACT16540 Datasheet
78Kb / 7P
   16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
PO74G16240A POTATO-PO74G16240A Datasheet
513Kb / 6P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
logo
National Semiconductor ...
54ACTQ16540 NSC-54ACTQ16540 Datasheet
72Kb / 5P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
54ACTQ16240 NSC-54ACTQ16240 Datasheet
75Kb / 6P
   16-Bit Inverting Buffer/Line Driver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74LVT16240 FAIRCHILD-74LVT16240 Datasheet
105Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com