Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1305M05 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1305M05
Description  AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1305M05 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC1305M05 Datasheet HTML 2Page - Texas Instruments AMC1305M05 Datasheet HTML 3Page - Texas Instruments AMC1305M05 Datasheet HTML 4Page - Texas Instruments AMC1305M05 Datasheet HTML 5Page - Texas Instruments AMC1305M05 Datasheet HTML 6Page - Texas Instruments AMC1305M05 Datasheet HTML 7Page - Texas Instruments AMC1305M05 Datasheet HTML 8Page - Texas Instruments AMC1305M05 Datasheet HTML 9Page - Texas Instruments AMC1305M05 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
10
)
(
u
¸¸
¹
·
¨¨
©
§
u

TempRange
value
value
value
ppm
TCE
MIN
MAX
G
TempRange
value
value
TCE
MIN
MAX
O

(2)
Offset error drift is calculated using the box method as described by the following equation:
(3)
Gain error drift is calculated using the box method as described by the following equation:
AMC1305L25, AMC1305M05, AMC1305M25
SBAS654C – JUNE 2014 – REVISED DECEMBER 2014
www.ti.com
8.10 Electrical Characteristics: AMC1305M05
All minimum and maximum specifications at TA = –40°C to 125°C, AVDD = 4.5 V to 5.5 V, DVDD = 3.0 V to 5.5 V, AINP =
–50 mV to 50 mV, AINN = 0 V, and sinc
3 filter with OSR = 256, unless otherwise noted. Typical values are at T
A = 25°C,
CLKIN = 20 MHz, AVDD = 5.0 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Maximum differential voltage input range
VClipping
±62.5
mV
(AINP-AINN)
Specified linear full-scale range
FSR
–50
50
mV
(AINP-AINN)
VCM
Operating common-mode input range
–0.032
AVDD – 2
V
CID
Differential input capacitance
2
pF
IIB
Input current
Inputs shorted to AGND
–97
-72
-57
μA
RID
Differential input resistance
5
k
Ω
IOS
Input offset current
±5
nA
CMTI
Common-mode transient immunity
15
kV/
μs
fIN = 0 Hz,
104
dB
VCM min ≤ VIN ≤ VCM max
CMRR
Common-mode rejection ratio
fIN from 0.1 Hz to 50 kHz,
75
dB
VCM min ≤ VIN ≤ VCM max
BW
Input bandwidth
800
kHz
DC ACCURACY
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
INL
Integral nonlinearity(1)
Resolution: 16 bits
–4
±1.5
4
LSB
EO
Offset error
Initial, at 25°C
–50
±2.5
50
µV
TCEO
Offset error thermal drift(2)
–1.3
1.3
μV/°C
EG
Gain error
Initial, at 25°C
–0.3
-0.02
0.3
%
TCEG
Gain error thermal drift(3)
–40
±20
40
ppm/°C
PSRR
Power-supply rejection ratio
VAVDD from 4.5 to 5.5V, at dc
105
dB
AC ACCURACY
SNR
Signal-to-noise ratio
fIN = 1 kHz
76
81
dB
SINAD
Signal-to-noise + distortion
fIN = 1 kHz
76
81
dB
THD
Total harmonic distortion
fIN = 1 kHz
-90
–83
dB
SFDR
Spurious-free dynamic range
fIN = 1 kHz
83
92
dB
DIGITAL INPUTS/OUTPUTS
External Clock
fCLKIN
Input clock frequency
5
20
20.1
MHz
DutyCLKIN
Duty cycle
5 MHz
≤ fCLKIN ≤ 20.1 MHz
40
50
60
%
CMOS Logic Family, CMOS with Schmitt-Trigger
IIN
Input current
DGND
≤ VIN ≤ DVDD
–1
1
μA
CIN
Input capacitance
5
pF
VIH
High-level input voltage
0.7 × DVDD
DVDD + 0.3
V
VIL
Low-level input voltage
–0.3
0.3 × DVDD
V
CLOAD
Output load capacitance
fCLKIN = 20 MHz
30
pF
IOH = –20 µA
DVDD – 0.1
V
VOH
High-level output voltage
IOH = –4 mA
DVDD – 0.4
V
IOL = 20 µA
0.1
V
VOL
Low-level output voltage
IOL = 4 mA
0.4
V
(1)
Integral nonlinearity is defined as the maximum deviation from a straight line passing through the end-points of the ideal ADC transfer
function expressed as number of LSBs or as a percent of the specified linear full-scale range FSR.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AMC1305L25 AMC1305M05 AMC1305M25


Similar Part No. - AMC1305M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305M05-Q1 TI1-AMC1305M05-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M05QDWQ1 TI1-AMC1305M05QDWQ1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1305M05QDWRQ1 TI1-AMC1305M05QDWRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
More results

Similar Description - AMC1305M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com