Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24232HA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24232HA
Description  USB-Friendly Lithium-Ion Battery Charger
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24232HA Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24232HA Datasheet HTML 2Page - Texas Instruments BQ24232HA Datasheet HTML 3Page - Texas Instruments BQ24232HA Datasheet HTML 4Page - Texas Instruments BQ24232HA Datasheet HTML 5Page - Texas Instruments BQ24232HA Datasheet HTML 6Page - Texas Instruments BQ24232HA Datasheet HTML 7Page - Texas Instruments BQ24232HA Datasheet HTML 8Page - Texas Instruments BQ24232HA Datasheet HTML 9Page - Texas Instruments BQ24232HA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
bq24232HA
SLUSCG4 – MAY 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over junction temperature range –5°C
≤ TJ ≤ 125°C and recommended supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER PATH
VDO(IN-OUT)
VIN – VOUT
VIN = 4.3 V, IIN = 500 mA, VBAT = 4.2 V
136
237.5
mV
VDO(BAT-OUT)
VBAT – VOUT
IOUT = 500 mA, VIN = 0 V, VBAT > 3 V
62.5
mV
VO(REG)
OUT pin voltage regulation
VIN > VOUT + VDO (IN-OUT)
4.35
4.5
4.6
V
IINmax
Maximum input current
EN1 = LO, EN2 = LO
90
95
100
mA
EN1 = HI, EN2 = LO
450
475
500
EN2 = HI, EN1 = LO
KILIM/RILIM
A
KILIM
Maximum input current
factor
ILIM = 200 mA to 500 mA
1380
1571
1700
A
IINmax
Programmable input current
limit range
EN2 = HI, EN1 = LO, RILIM = 3.06 kΩ to 7.8 kΩ
200
500
mA
VIN-DPM
Input voltage threshold
when input current is
reduced
EN2 = LO, EN1 = X
4.3
4.35
4.63
V
VDPPM
Output voltage threshold
when charging current is
reduced
VO(REG)
180 mV
VO(REG)
100 mV
VO(REG)
30 mV
V
VBSUP1
Enter battery supplement
mode
VBAT = 3.6 V, RILIM = 1.5 kΩ, RLOAD = 10 Ω →2 Ω
VOUT
VBAT –50
mV
V
VBSUP2
Exit battery supplement
mode
VBAT = 3.6 V, RILIM = 1.5 kΩ, RLOAD = 2 Ω →10 Ω
VOUT
VBAT–20
mV
V
VO(SC1)
Output short-circuit
detection threshold, power-
on
VIN > UVLO and VIN > VBAT+VIN(DT)
0.8
0.9
1
V
VO(SC2)
Output short-circuit
detection threshold,
supplement mode VBAT
VOUT > VO(SC2) indicates
short circuit
VIN > UVLO and VIN > VBAT+VIN(DT)
200
242
300
mV


Similar Part No. - BQ24232HA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232HRGTR TI1-BQ24232HRGTR Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232HRGTT TI1-BQ24232HRGTT Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
[Old version datasheet]   bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results

Similar Description - BQ24232HA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
BQ24230H TI1-BQ24230H_14 Datasheet
1Mb / 38P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24232H TI-BQ24232H_15 Datasheet
1Mb / 42P
[Old version datasheet]   bq2423xx USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com