Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24298RTWT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24298RTWT
Description  Controlled 3A Single Cell USB Charger
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24298RTWT Datasheet(HTML) 5 Page - Texas Instruments

  BQ24298RTWT Datasheet HTML 1Page - Texas Instruments BQ24298RTWT Datasheet HTML 2Page - Texas Instruments BQ24298RTWT Datasheet HTML 3Page - Texas Instruments BQ24298RTWT Datasheet HTML 4Page - Texas Instruments BQ24298RTWT Datasheet HTML 5Page - Texas Instruments BQ24298RTWT Datasheet HTML 6Page - Texas Instruments BQ24298RTWT Datasheet HTML 7Page - Texas Instruments BQ24298RTWT Datasheet HTML 8Page - Texas Instruments BQ24298RTWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
bq24298
www.ti.com
SLUSC59 – APRIL 2015
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NUMBER
BAT
13,14
P
Battery connection point to the positive pin of the battery pack. The internal BATFET is connected between BAT
and SYS. Connect a 10 µF closely to the BAT pin.
SYS
15,16
I
System connection point. The internal BATFET is connected between BAT and SYS. When the battery falls below
the minimum system voltage, switch-mode converter keeps SYS above the minimum system voltage. The SYS pin
has a built-in load to ground which may discharge 330-µF load to less than 0.3 V within 250 ms typically.
PGND
17,18
P
Power ground connection for high-current power converter node. Internally, PGND is connected to the source of the
n-channel LSFET. On PCB layout, connect directly to ground connection of input and output capacitors of the
charger. A single point connection is recommended between power PGND and the analog GND near the IC PGND
pin.
SW
19,20
O
Switching node connecting to output inductor. Internally SW is connected to the source of the n-channel HSFET and
the drain of the n-channel LSFET. Connect the 0.047-µF bootstrap capacitor from SW to BTST.
BTST
21
P
PWM high side driver positive supply. Internally, the BTST is connected to the anode of the boost-strap diode.
Connect the 0.047-µF bootstrap capacitor from SW to BTST.
REGN
22
P
PWM low side driver positive supply output. Internally, REGN is connected to the cathode of the boost-strap diode.
Connect a 4.7-µF (10-V rating) ceramic capacitor from REGN to analog GND. The capacitor should be placed close
to the IC. REGN also serves as bias rail of TS pin.
Thermal Pad
P
Exposed pad beneath the IC for heat dissipation. Always solder thermal pad to the board, and have vias on the
thermal pad plane star-connecting to PGND and ground plane for high-current power converter.
7 Specifications
7.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VBUS (converter not switching)
–2
15(2)
V
PMID (converter not switching)
–0.3
15(2)
V
STAT, PG
–0.3
12
V
BTST
–0.3
12
V
SW
–2
7
V
Voltage
8 (Peak
(with respect to GND)
for 20ns
duration)
BAT, SYS (converter not switching)
–0.3
6
V
SDA, SCL, INT, OTG, ILIM, REGN, TS, QON, CE PSEL
–0.3
7
V
BTST TO SW
–0.3
7
V
PGND to GND
–0.3
0.3
V
Output sink current
INT, STAT, PG
6
mA
Junction temperature
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground pin unless otherwise noted.
(2)
VBUS is specified up to 16 V for a maximum of 24 hours under no load conditions.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
1000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-
250
V
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq24298


Similar Part No. - BQ24298RTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results

Similar Description - BQ24298RTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
[Old version datasheet]   Controlled 2A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ25898C TI1-BQ25898C Datasheet
343Kb / 11P
[Old version datasheet]   Controlled Single Cell 3-A Charger
BQ24261 TI1-BQ24261 Datasheet
6Mb / 46P
[Old version datasheet]   3A, 30V, Host-Controlled Single-Input, Single Cell Switchmode Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com